Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73855 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73855
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73855 Datasheet HTML 1Page - Microchip Technology MCP73855 Datasheet HTML 2Page - Microchip Technology MCP73855 Datasheet HTML 3Page - Microchip Technology MCP73855 Datasheet HTML 4Page - Microchip Technology MCP73855 Datasheet HTML 5Page - Microchip Technology MCP73855 Datasheet HTML 6Page - Microchip Technology MCP73855 Datasheet HTML 7Page - Microchip Technology MCP73855 Datasheet HTML 8Page - Microchip Technology MCP73855 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 1
MCP73853/55
Features
• Linear Charge Management Controllers
- Integrated Pass Transistor
- Integrated Current Sense
- Reverse Blocking Protection
• High-Accuracy Preset Voltage Regulation: + 0.5%
• Two Selectable Voltage Regulation Options:
- 4.1V, 4.2V
• Programmable Charge Current
• USB Compatible Charge Current Settings
• Programmable Safety Charge Timers
• Preconditioning of Deeply Depleted Cells
• Automatic End-of-Charge Control
• Optional Continuous Cell Temperature
Monitoring:
- MCP73853
• Charge Status Output for Direct LED Drive
• Fault Output for Direct LED Drive
- MCP73853
• Automatic Power-Down
• Thermal Regulation
• Temperature Range: -40°C to +85°C
• Packaging:
- 16-Lead, 4x4 mm QFN (MCP73853)
- 10-Lead, 3x3 mm DFN (MCP73855)
Applications
• Lithium-Ion/Lithium-Polymer Battery Chargers
• Personal Data Assistants (PDAs)
• Cellular Telephones
• Hand-Held Instruments
• Cradle Chargers
•Digital Cameras
• MP3 Players
• Bluetooth Headsets
• USB Chargers
Description
The MCP7385X devices are highly advanced linear
charge management controllers for use in space-
limited, cost-sensitive applications. The MCP73853
combines high-accuracy constant-voltage, constant-
current regulation, cell preconditioning, cell temperature
monitoring, advanced safety timers, automatic charge
termination, internal current sensing, reverse blocking
protection and charge status and fault indication in a
space-saving 16-lead, 4 x 4 QFN package.
The MCP73855 employs all the features of the
MCP73853, with the exception of the cell temperature
monitor and one status output. The MCP73855 is
offered in a space-saving 10-lead, 3 x 3 DFN package.
The
MCP73853
and
MCP73855
are
designed
specifically for USB applications, adhering to all the
specifications governing the USB power bus.
The MCP7385X devices provide two selectable voltage
regulation options (4.1V or 4.2V) for use with either
coke or graphite anodes.
The MCP7385X devices provide complete, fully-
functional, charge management solutions, operating
with an input voltage range of 4.5V to 5.5V.
The MCP7385X devices are fully specified over the
ambient temperature range of -40°C to +85°C.
Package Types
VDD1
VBAT1
1
2
3
4
MCP73853
14
15
16
VDD2
VSET
VSS3
VBAT3
VBAT2
5678
9
10
11
12
13
1
2
3
4
56
7
8
9
10
VSS1
16-Pin QFN
10-Pin DFN
EN
STAT1
VDD1
VSET
VSS1
PROG
VBAT1
VBAT2
VSS2
TIMER
MCP73855
USB Compatible Li-Ion/Li-Polymer
Charge Management Controllers


Similar Part No. - MCP73855

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73855 MICROCHIP-MCP73855 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855 MICROCHIP-MCP73855 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73855IMF MICROCHIP-MCP73855IMF Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855IML MICROCHIP-MCP73855IML Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855T MICROCHIP-MCP73855T Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results

Similar Description - MCP73855

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com