Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C5X Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16C5X
Description  EPROM/ROM-Based 8-bit CMOSMicrocontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C5X Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16C5X Datasheet HTML 71Page - Microchip Technology PIC16C5X Datasheet HTML 72Page - Microchip Technology PIC16C5X Datasheet HTML 73Page - Microchip Technology PIC16C5X Datasheet HTML 74Page - Microchip Technology PIC16C5X Datasheet HTML 75Page - Microchip Technology PIC16C5X Datasheet HTML 76Page - Microchip Technology PIC16C5X Datasheet HTML 77Page - Microchip Technology PIC16C5X Datasheet HTML 78Page - Microchip Technology PIC16C5X Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 73
PIC16C5X
12.6
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created with one of the following formats:
FIGURE 12-1:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS - PIC16C54/55/56/57
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
Lowercase letters (pp) and their meanings:
pp
2to
mc MCLR
ck
CLKOUT
osc oscillator
cy
cycle time
os
OSC1
drt device reset timer
t0
T0CKI
io
I/O port
wdt watchdog timer
Uppercase letters and their meanings:
S
F
Fall
P
Period
HHigh
R
Rise
I
Invalid (Hi-impedance)
V
Valid
L
Low
Z
Hi-impedance
CL
VSS
Pin
CL =
50 pF
for all pins and OSC2 for RC mode
0 - 15 pF
for OSC2 in XT, HS or LP modes when
external clock is used to drive OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com