Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F320T-IPQTP Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC10F320T-IPQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IPQTP Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC10F320T-IPQTP Datasheet HTML 23Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 24Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 25Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 26Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 27Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 28Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 29Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 30Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 27
PIC10(L)F320/322
4.0
OSCILLATOR MODULE
4.1
Overview
The oscillator module has a variety of clock sources and
selection features that allow it to be used in a range of
applications
while
maximizing
performance
and
minimizing power consumption. Figure 4-1 illustrates a
block diagram of the oscillator module.
The system can be configured to use an internal
calibrated high-frequency oscillator as clock source, with
a choice of selectable speeds via software.
Clock source modes are configured by the FOSC bit in
Configuration Word (CONFIG).
1.
EC oscillator from CLKIN.
2.
INTOSC oscillator, CLKIN not enabled.
FIGURE 4-1:
PIC10(L)F320/322 CLOCK SOURCE BLOCK DIAGRAM
HFINTOSC
16 MHz
HFIOFR(1)
HFIOFS(1)
16 MHz
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
250 kHz
111
110
101
100
011
010
001
LFINTOSC
31 kHz
000
IRCF<2:0>
INTOSC
LFIOFR(1)
CLKIN
EC
FOSC
(Configuration
Word)
System Clock
(CPU and
Peripherals)
CLKROE
CLKR
31 kHz
0
1
3
Note 1:
HFIOFR, HFIOFS and LFIOFR are Status bits in the OSCCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com