Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3253 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP3253
Description  Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3253 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP3253 Datasheet HTML 3Page - NXP Semiconductors IP3253 Datasheet HTML 4Page - NXP Semiconductors IP3253 Datasheet HTML 5Page - NXP Semiconductors IP3253 Datasheet HTML 6Page - NXP Semiconductors IP3253 Datasheet HTML 7Page - NXP Semiconductors IP3253 Datasheet HTML 8Page - NXP Semiconductors IP3253 Datasheet HTML 9Page - NXP Semiconductors IP3253 Datasheet HTML 10Page - NXP Semiconductors IP3253 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IP3253_IP3254-TTL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 5 May 2011
7 of 13
NXP Semiconductors
IP3253/IP3254-TTL
Integrated 4-, 6- and 8-channel passive EMI-filter network
7.
Package outline
Fig 4.
Package outline SOT1166-1 (HUSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1166-1
- - -
- - -
- - -
sot1166-1_po
10-03-18
10-03-22
Unit(1)
mm
max
nom
min
0.55
0.05
0.00
0.25
0.20
0.15
1.8
1.7
1.6
1.3
1.2
1.1
1.45
1.35
1.25
0.4
1.2
0.30
0.25
0.20
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HUSON8: plastic, thermal enhanced ultra thin small outline package; no leads;
8 terminals; body 1.35 x 1.7 x 0.55 mm
SOT1166-1
A1
c
0.127
bD
Dh
EEh
0.45
0.40
0.35
ee1
k
0.2
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
X
C
y
C
y1
tiebars are indicated on
arbitrary location and size
detail X
A
A1
c
terminal 1
index area
B
A
D
E
b
terminal 1
index area
e1
e
A
C
B
v
C
w
L
k
Eh
Dh
1
8
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com