Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 9Page - Microchip Technology PIC16F87 Datasheet HTML 10Page - Microchip Technology PIC16F87 Datasheet HTML 11Page - Microchip Technology PIC16F87 Datasheet HTML 12Page - Microchip Technology PIC16F87 Datasheet HTML 13Page - Microchip Technology PIC16F87 Datasheet HTML 14Page - Microchip Technology PIC16F87 Datasheet HTML 15Page - Microchip Technology PIC16F87 Datasheet HTML 16Page - Microchip Technology PIC16F87 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 228 page
background image
 2005 Microchip Technology Inc.
DS30487C-page 11
PIC16F87/88
2.0
MEMORY ORGANIZATION
There are two memory blocks in the PIC16F87/88
devices. These are the program memory and the data
memory. Each block has its own bus, so access to each
block can occur during the same oscillator cycle.
The data memory can be further broken down into the
general purpose RAM and the Special Function
Registers (SFRs). The operation of the SFRs that
control the “core” are described here. The SFRs used
to control the peripheral modules are described in the
section discussing each individual peripheral module.
The data memory area also contains the data EEPROM
memory. This memory is not directly mapped into the
data memory but is indirectly mapped. That is, an indi-
rect address pointer specifies the address of the data
EEPROM memory to read/write. The PIC16F87/88
device’s 256 bytes of data EEPROM memory have the
address range of 00h-FFh. More details on the
EEPROM memory can be found in Section 3.0 “Data
EEPROM and Flash Program Memory”.
Additional information on device memory may be found
in the “PICmicro® Mid-Range MCU Family Reference
Manual” (DS33023).
2.1
Program Memory Organization
The PIC16F87/88 devices have a 13-bit program
counter capable of addressing an 8K x 14 program
memory space. For the PIC16F87/88, the first 4K x 14
(0000h-0FFFh)
is
physically
implemented
(see
Figure 2-1). Accessing a location above the physically
implemented address will cause a wraparound. For
example, the same instruction will be accessed at
locations 020h, 420h, 820h, C20h, 1020h, 1420h,
1820h and 1C20h.
The Reset vector is at 0000h and the interrupt vector is
at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK: PIC16F87/88
2.2
Data Memory Organization
The data memory is partitioned into multiple banks that
contain the General Purpose Registers and the Special
Function Registers. Bits RP1 (STATUS<6>) and RP0
(STATUS<5>) are the bank select bits.
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain SFRs.
Some “high use” SFRs from one bank may be mirrored
in another bank for code reduction and quicker access
(e.g., the STATUS register is in Banks 0-3).
RP1:RP0
Bank
00
0
01
1
10
2
11
3
Note:
EEPROM data memory description can be
found in Section 3.0 “Data EEPROM and
Flash Program Memory” of this data
sheet.
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
07FFh
Wraps to
0000h-03FFh
Page 1
0FFFh
1000h
0800h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com