Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS006M2-93 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS006M2-93
Description  GaAs IC SPDT Switch Non-Reflective DC-6 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS006M2-93 Datasheet(HTML) 2 Page - Alpha Industries

  AS006M2-93 Datasheet HTML 1Page - Alpha Industries AS006M2-93 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs IC SPDT Switch Non-Reflective DC–6 GHz
AS006M2-93
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
01
Frequency (GHz)
456
23
0.0
0.5
1.0
1.5
2.0
2.5
Insertion Loss vs. Frequency
0
10
20
30
40
50
60
70
01
456
23
Frequency (GHz)
Isolation vs. Frequency
Typical Performance Data
Pin Out
GND
V1
GND
J3
V2
J1
J2
GND
50
50
V1
V2
J1–J2
J1–J3
-5
0
Insertion Loss
Isolation
0
-5
Isolation
Insertion Loss
Truth Table
-93
0.000
0.010
0.030
0.130
0.150
0.160
0.140
0.020
0.110
0.090
0.070
0.050
0.048
0.112
Glass
Pt/Pd/Au
Characteristic
Value
RF Input Power (RF In)
2 W Max. > 500 MHz
0/-8 V Control
Control Voltage (VC)
-0.2 V, -10 V
Operating Temperature (TOP)
-40°C to +90°C
Storage Temperature (TST)
-65°C to +150°C
Thermal Resistance (
ΘJC)25°C/W
Absolute Maximum Ratings
The “chip on board” package is a ceramic leadless chip carrier with a ceramic
lid, which allows for automatic pick and place. The external terminals and
backside ground plane are Pt/Pd/Au, which is highly leach resistant and very
tolerant to variations in solder conditions. The glass fingers between contacts
prevent the possibility of shorted terminals. The recommended solder
attachment is a SN6337 (Pb/SN).
Bottom View



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com