Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74LVC14A
Description  Hex inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74LVC14A Datasheet HTML 10Page - NXP Semiconductors 74LVC14A Datasheet HTML 11Page - NXP Semiconductors 74LVC14A Datasheet HTML 12Page - NXP Semiconductors 74LVC14A Datasheet HTML 13Page - NXP Semiconductors 74LVC14A Datasheet HTML 14Page - NXP Semiconductors 74LVC14A Datasheet HTML 15Page - NXP Semiconductors 74LVC14A Datasheet HTML 16Page - NXP Semiconductors 74LVC14A Datasheet HTML 17Page - NXP Semiconductors 74LVC14A Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
© NXP B.V. 2011.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 23 December 2011
Document identifier: 74LVC14A
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
21. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
5
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Functional description . . . . . . . . . . . . . . . . . . . 3
8
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
9
Recommended operating conditions. . . . . . . . 4
10
Static characteristics . . . . . . . . . . . . . . . . . . . . . 5
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . 5
12
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
13
Transfer characteristics . . . . . . . . . . . . . . . . . . 8
14
Waveforms transfer characteristics. . . . . . . . . 9
15
Application information. . . . . . . . . . . . . . . . . . 10
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11
17
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15
18
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15
19
Legal information. . . . . . . . . . . . . . . . . . . . . . . 16
19.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 16
19.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
19.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
19.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17
20
Contact information. . . . . . . . . . . . . . . . . . . . . 17
21
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com