Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4350DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4350DQ
Description  2.5A, 4MHz, 20V Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4350DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4350DQ Datasheet HTML 1Page - Monolithic Power Systems MP4350DQ Datasheet HTML 2Page - Monolithic Power Systems MP4350DQ Datasheet HTML 3Page - Monolithic Power Systems MP4350DQ Datasheet HTML 4Page - Monolithic Power Systems MP4350DQ Datasheet HTML 5Page - Monolithic Power Systems MP4350DQ Datasheet HTML 6Page - Monolithic Power Systems MP4350DQ Datasheet HTML 7Page - Monolithic Power Systems MP4350DQ Datasheet HTML 8Page - Monolithic Power Systems MP4350DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MP4350 – 2.5A, 4MHz, 20V STEP-DOWN CONVERTER
MP4350 Rev. 1.0
www.MonolithicPower.com
2
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP4350DQ
QFN10 (3x3)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP4350DQ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP4350DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN) .................... –0.3V to +22V
Switch Voltage (VSW) ........... –0.3V to VIN + 0.3V
BST to SW..................................... –0.3V to +6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Supply Voltage VIN........................... 4.5V to 20V
Output Voltage VOUT ...................... +0.8V to 16V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN10 (3mm x 3mm)............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TA= +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 20V
0.776
0.8
0.824
V
Upper Switch On Resistance
RDS(ON) VBST – VSW = 5V
150
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V, VIN = 36V
1
µA
Current Limit
Duty Cycle = 50%
2.9
3.5
A
Error Amp Voltage Gain
(4)
200
V/V
Error Amp Transconductance
ICOMP = ±3µA
40
60
80
µA/V
Error Amp Min Source current
VFB = 0.7V
5
µA
Error Amp Min Sink current
VFB = 0.9V
–5
µA
VIN UVLO Threshold
2.7
3.0
3.3
V
VIN UVLO Hysteresis
0.35
V
Soft-Start Time
(4)
0V < VFB < 0.8V
1.5
ms
RFREQ = 45kΩ
1.6
2
2.4
MHz
Oscillator Frequency
RFREQ = 18kΩ
3.2
4
4.8
MHz
Shutdown Supply Current
VEN = 0V
12
18
µA
Quiescent Supply Current
No load, VFB = 0.9V
100
125
µA
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
15
°C
Minimum Off Time
(4)
100
ns
Minimum On Time
(4)
100
ns
EN Up Threshold
1.35
1.5
1.65
V
EN Down Threshold
1.15
1.2
1.25
V
Note:
4) Guaranteed by design.
TOP VIEW
SW
SW
EN
COMP
FB
1
2
3
4
5
BST
VIN
VIN
FREQ
GND
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com