Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4458 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4458
Description  1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4458 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4458 Datasheet HTML 8Page - Monolithic Power Systems MP4458 Datasheet HTML 9Page - Monolithic Power Systems MP4458 Datasheet HTML 10Page - Monolithic Power Systems MP4458 Datasheet HTML 11Page - Monolithic Power Systems MP4458 Datasheet HTML 12Page - Monolithic Power Systems MP4458 Datasheet HTML 13Page - Monolithic Power Systems MP4458 Datasheet HTML 14Page - Monolithic Power Systems MP4458 Datasheet HTML 15Page - Monolithic Power Systems MP4458 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP4458 – 1A, 4MHz, 36V STEP-DOWN CONVERTER
MP4458 Rev. 1.02
www.MonolithicPower.com
13
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 4—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
L
CO
R3
C3
C6
1.8V
4.7µH
47µF
ceramic
105k
100pF
None
2.5V
4.7µH-
6.8µH
22µF
ceramic
54.9k
220pF
None
3.3V
6.8µH-
10µH
22µF
ceramic
68.1k
220pF
None
5V
15µH-
22µH
22µF
ceramic
100k
150pF
None
12V
22µH-
33µH
22µF
ceramic
147k
150pF
None
Note: The selection of L is based on
fs = 500KHz. Please
refer to “Inductor section” on page7 to select proper
inductor if
fs is higher than that.
To optimize the compensation components for
conditions not listed in Table 3, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency
(which typically has a value no higher than
1/10th of switching frequency).
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where R3 is the compensation resistor value.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=
High Frequency Operation
The switching frequency of MP4458 can be
programmed up to 4MHz by an external resistor.
Please pay attention to the following if the
switching frequency is above 2MHz.
The minimum on time of MP4458 is about 80ns
(typ). Pulse skipping operation can be seen
more easily at higher switching frequency due
to the minimum on time. Recommended
operating voltage at 4MHz is 12V or below, and
24V or below at 2MHz.
30
25
20
15
10
5
1.5
2.0
2.5
3.0
3.5
4.0
fS (MHz)
Input Max vs
Switching Frequency
VO=3.3V
VO=2.5V
Figure 2—Recommended Input vs. fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com