Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4462DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4462DN
Description  3.5A, 4MHz, 36V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4462DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4462DN Datasheet HTML 1Page - Monolithic Power Systems MP4462DN Datasheet HTML 2Page - Monolithic Power Systems MP4462DN Datasheet HTML 3Page - Monolithic Power Systems MP4462DN Datasheet HTML 4Page - Monolithic Power Systems MP4462DN Datasheet HTML 5Page - Monolithic Power Systems MP4462DN Datasheet HTML 6Page - Monolithic Power Systems MP4462DN Datasheet HTML 7Page - Monolithic Power Systems MP4462DN Datasheet HTML 8Page - Monolithic Power Systems MP4462DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4462 – 3.5A, 4MHz, 36V STEP-DOWN CONVERTER
MP4462 Rev. 1.02
www.MonolithicPower.com
4
3/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC
Pin #
QFN
Pin #
Name
Description
1
1, 2
SW
Switch Node. This is the output from the high-side switch. A low forward drop Schottky
diode to ground is required. The diode must be close to the SW pins to reduce
switching spikes.
2
3
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down. Pulling
it up above the specified threshold or leaving it floating enables the chip.
3
4
COMP
Compensation. This node is the output of the error amplifier. Control loop frequency
compensation is applied to this pin.
4
5
FB
Feedback. This is the input to the error amplifier. The output voltage is set by a resistive
divider connected between the output and GND which scales down VOUT equal to the
internal +0.8V reference.
5
6
GND
Exposed
Pad
Ground. It should be connected as close as possible to the output capacitor to shorten
the high current switch paths. Connect exposed pad to GND plane for optimal thermal
performance.
6
7
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set
the switching frequency.
7
8, 9
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS regulators
and the high-side switch. A decoupling capacitor to ground must be placed close to this
pin to minimize switching spikes.
8
10
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET
driver. Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com