Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03TR Datasheet(PDF) 2 Page - Rohm

Part # RSQ035P03TR
Description  4V Drive Nch MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03TR Datasheet(HTML) 2 Page - Rohm

  RSQ035P03TR Datasheet HTML 1Page - Rohm RSQ035P03TR Datasheet HTML 2Page - Rohm RSQ035P03TR Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSQ035N03
Transistors
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
∗
∗
∗
∗
∗
∗
∗
∗
∗
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−
10
µAVGS=20V, VDS=0V
VDD
15V
30
−−
VID= 1mA, VGS=0V
−−
1
µAVDS= 30V, VGS=0V
1.0
−
2.5
V
VDS= 10V, ID= 1mA
−
44
62
ID= 3.5A, VGS= 10V
−
60
84
m
Ω
m
Ω
m
Ω
ID= 3.5A, VGS= 4.5V
−
67
94
ID= 3.5A, VGS= 4V
2.0
−−
SVDS= 10V, ID= 3.5A
−
290
−
pF
VDS= 10V
−
85
55
−
pF
VGS=0V
−
7
−
pF
f=1MHz
−
9
−
ns
−
24
−
ns
−
6
−
ns
−
5.3
−
ns
−
1.0
7.4
nC
−
1.4
−
nC
VGS= 5V
−−
nC
ID= 3.5A
VDD
15
V
ID= 1.75A
VGS= 10V
RL=8.57
Ω
RG=10
Ω
RL= 4.29
Ω RG=10Ω
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
1.2
V
IS= 1.0A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com