Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4568 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4568
Description  60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4568 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4568 Datasheet HTML 8Page - Monolithic Power Systems MP4568 Datasheet HTML 9Page - Monolithic Power Systems MP4568 Datasheet HTML 10Page - Monolithic Power Systems MP4568 Datasheet HTML 11Page - Monolithic Power Systems MP4568 Datasheet HTML 12Page - Monolithic Power Systems MP4568 Datasheet HTML 13Page - Monolithic Power Systems MP4568 Datasheet HTML 14Page - Monolithic Power Systems MP4568 Datasheet HTML 15Page - Monolithic Power Systems MP4568 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP4568
―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MP4568 Rev. 1.01
www.MonolithicPower.com
13
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4
– f
s(max) at VOUT=5V
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. To get
the desired output voltage, divider resistor can be
chosen through below formula:
1
-
V
V
R2
R1
REF
OUT
Where VREF is the FB reference voltage 1V.
The current flows into divider resistor would
increase the supply current, especially at no load
and light load condition. The Vin supply current
caused
by
the
feedback
resistors
can
be
calculated from:
η
1
V
V
R2
R1
V
I
IN
OUT
OUT
IN_FB
To reduce this current, resistors in the megohm
range are recommended. The recommended
value of the feedback resistors are shown in
Table 1.
Table 1
—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
3.3
1200
523
5
1200
300
Under Voltage Lock Out Point Setting
MP4568 has internal fix under voltage lock out
(UVLO) threshold: rising threshold is about 4V
while trailing threshold is about 3.5V. For the
application needs higher UVLO point, can use
external resistor divider between EN and VIN as
shown in Figure 5 to get higher equivalent UVLO
threshold.
VIN
EN
IN
R4
2M
R5
Figure 5
– Adjustable UVLO using EN pin
The UVLO threshold can be computed from
below two equations.
TH_Rising
EN
2M//R5
R4
(1
UVLO
TH_Rising
)
TH_Falling
EN
2M//R5
R4
(1
UVLO
TH_Falling
)
Furthermore, ENHY pin can be used to get
additional UVLO hysteresis as shown in Figure 6.
VIN
EN
IN
R4
2M
R5
ENHY
R6
Figure 6
– Adjustable UVLO using EN &
ENHY pin
The ENHY pin is an open drain output that goes
low when EN falls below its falling threshold 1.2V.
The UVLO rising threshold in Figure 6 is same to
the one in Figure 5. But the falling threshold is
lowered by adding R6 and the detailed value can
be calculated by below formula.
TH_Rising
EN
R6)
2M//(R5
R4
[1
UVLO
TH_Falling
]
Inversely, when the special UVLO threshold is
determined,
resistor
divider
also
can
be
calculated by above equations. Just note again
the current flows through this divider. To reduce
the current, resistors in the megohm range are
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com