Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4601
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4601 Datasheet HTML 1Page - Monolithic Power Systems MP4601 Datasheet HTML 2Page - Monolithic Power Systems MP4601 Datasheet HTML 3Page - Monolithic Power Systems MP4601 Datasheet HTML 4Page - Monolithic Power Systems MP4601 Datasheet HTML 5Page - Monolithic Power Systems MP4601 Datasheet HTML 6Page - Monolithic Power Systems MP4601 Datasheet HTML 7Page - Monolithic Power Systems MP4601 Datasheet HTML 8Page - Monolithic Power Systems MP4601 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
2
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION
120V
CLK/SYN
DIM
EN
VOUT
VIN
12V
C1
10
RFST
60k
RSC
60k
ROCP
100k
CCOMP
100pF
RFB
2
R1
800k
R2
12k
CBST
100nF
L1
22
VIN
OCP
INGND
EN
SLOPE
DIM
SYN
FST
COMP
VSS
FB
DGD
OVP
FAULT
BST
SW
MP4601
COUT
2.2
R3
100k
EXTERNAL VOLTAGE (V)
Efficiency vs.
External Bus Voltage
VINL=12V, VLED=240V, ILED=100mA,
External bus voltage, VINH=180~236V
90
91
92
93
94
95
96
97
98
99
100
180 190
200 210 220 230 240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com