Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601ES Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4601ES
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601ES Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4601ES Datasheet HTML 2Page - Monolithic Power Systems MP4601ES Datasheet HTML 3Page - Monolithic Power Systems MP4601ES Datasheet HTML 4Page - Monolithic Power Systems MP4601ES Datasheet HTML 5Page - Monolithic Power Systems MP4601ES Datasheet HTML 6Page - Monolithic Power Systems MP4601ES Datasheet HTML 7Page - Monolithic Power Systems MP4601ES Datasheet HTML 8Page - Monolithic Power Systems MP4601ES Datasheet HTML 9Page - Monolithic Power Systems MP4601ES Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
6
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
SOIC16
Pin #
TSSOP
16-EP
Name
Description
2
1
VIN
Positive Voltage Input Pin. A decoupling cap is needed to prevent large voltage
spikes from appearing at the input.
1
2
FAULT
Fault condition output, open drain with reference to INGND. FAULT is high-Z
during normal operation, and pulled to INGND when short LED protection is
triggered.
3
3
INGND
Input Ground Reference. This pin is the reference for the EN/DIM signal.
4
4
SYN
Frequency Synchronization Input Pin. The switching frequency can be
synchronized with an external clock, which frequency is higher than the set
frequency with FST resistor. Multiple ICs’ frequencies can also be synchronized
without the external clock by connecting all SYN pins together. They follow the
highest set frequency.
5
5
DIM
PWM Dimming and Analog Dimming Input Pin.
For digital dimming, apply a 100Hz to 50kHz square wave signal with amplitude
greater than 1.5V to DIM pin.
For analog dimming, apply a voltage between 0.7V and 1.5V to DIM pin. When
DIM voltage changes from 0.7V to 1.5V, the internal reference for FB regulation
changes from 0 to 200mV. A voltage higher than 1.5V at this pin doesn’t modify
the internal reference anymore.
For combined PWM and analog dimming to get a further high dimming ratio,
apply a 100Hz to 50kHz square wave signal with amplitude from 0.7V to 1.5V to
DIM pin.
DIM pin voltage is high (about 3.3V) if it is floating.
6
6
EN
Enable Input Pin. A voltage greater than 0.6V will turn on the chip.
7
7
FST
Frequency Setting Pin. A resistor from FST to VSS setting the switching
frequency if there is no SYN input. If left open, switching frequency will be set to
internal default value.
8
8
SLOPE
Programmable Slope Compensation pin. Connect a resistor from SLOPE pin to
VSS sets slope compensation peak amplitude. If left open, slope compensation
will be set internal default value.
9
9
OCP
Over Current Protection Pin. Connect a resistor ROCP from OCP pin to VSS sets
the cycle-by-cycle current limit of the inside power FET. If left open, the current
limit is the default value of 2.5A.
10
10
COMP
Output of error amplifier. Connect a 1nF or larger capacitor on COMP pin to VSS
to improve the stability and to provide a soft on at start up or PWM dimming.
11
11
FB
LED Current Feedback Input. MP4601 regulates the voltage across the current
sensing resistor between FB and VSS with 200mV. If FB voltage is higher than
300mV for 480us or FB voltage is higher than 600mV, it triggers the LED short
protection.
12
12
OVP
Over Voltage Protection Pin. Use one external resistor voltage divider across
INGND and VSS to program OVP threshold. Its voltage is referred to VSS.
When the OVP pin voltage reaches 1.2V threshold, the switch is turned off and
will recover when OVP voltage decreases below 1.1V. When the OVP pin
voltage is lower than 0.4V and FB pin voltage is lower than 0.1V, the chip
frequency will be folded back. Program the OVP pin voltage from 0.4V to 1.2V
for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com