Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS166-300 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS166-300
Description  PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS166-300 Datasheet(HTML) 2 Page - Alpha Industries

  AS166-300 Datasheet HTML 1Page - Alpha Industries AS166-300 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC High Power SP4T Switch 0.1–2.5 GHz
AS166-300
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
V1
TX1
GND
TX2
RX1
GND
GND
RX2
CBL
CBL
CBL
CBL
CBL
Pin Out
Typical Performance Data
0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Insertion Loss vs. Frequency
-2.0
-1.8
-1.6
-1.4
-1.2
-0.8
-1.0
-0.6
-0.4
-0.2
0
TX -20˚C
TX +80˚C
TX +25˚C
RX +80˚C
RX +25˚C
RX -20˚C
Frequency (GHz)
VSWR vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
RX VSWR
TX VSWR
Frequency (GHz)
Isolation vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
TX Isolation -20, +25, +80˚C
RX Isolation -20, +25, +80˚C
V1
V2
V3
V4
Ant-TX1
Ant-TX2
Ant-RX2
Ant-RX1
VHigh VLow VLow VLow Ins. Loss Isolation Isolation
Isolation
VLow VHigh VLow VLow Isolation Ins. Loss Isolation
Isolation
VLow VLow VHigh VLow Isolation
Isolation
Ins. Loss
Isolation
VLow VLow VLow VHigh Isolation
Isolation
Isolation
Ins. Loss
Truth Table
VLow = 0 V.
VHigh = 2.7 to 5 V.
DC blocking capacitors (CBL) must be supplied externally.
CBL = 47 pF for operating frequencies >500 MHz.
Characteristic
Value
RF Input Power
4 W > 0.5 GHz
0/+6 V Control
Control Voltage
+6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com