Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603ES Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4603ES
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603ES Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4603ES Datasheet HTML 4Page - Monolithic Power Systems MP4603ES Datasheet HTML 5Page - Monolithic Power Systems MP4603ES Datasheet HTML 6Page - Monolithic Power Systems MP4603ES Datasheet HTML 7Page - Monolithic Power Systems MP4603ES Datasheet HTML 8Page - Monolithic Power Systems MP4603ES Datasheet HTML 9Page - Monolithic Power Systems MP4603ES Datasheet HTML 10Page - Monolithic Power Systems MP4603ES Datasheet HTML 11Page - Monolithic Power Systems MP4603ES Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE LCD TV BACKLIGHTS
MP4603 Rev. 1.0
www.MonolithicPower.com
8
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
PIN FUNCTIONS
Pin #
SOIC16
Pin #
TSSOP
16-EP
Name
Description
2
1
VIN
Positive Voltage Input. Requires a decoupling capacitor to prevent large input-
voltage spikes.
1
2
FAULT
Fault Condition Output. Open drain with reference to INGND. FAULT is high-Z
during normal operation, and pulled to INGND when LED short protection or
LED open protection trigger.
3
3
INGND
Input Ground Reference.
4
4
SYN
Frequency Synchronization Input. The switching frequency can be synchronized
with an external clock. Multiple ICs’ frequencies can also be synchronized
without the external clock by connecting all the SYN pins together. They follow
the highest set frequency.
5
5
PWM
PWM Dimming Input. Apply a 100Hz to 50kHz square wave signal with
amplitude greater than 2.2V. The PWM pin voltage is high if left floating.
6
6
EN
Enable Input Pin. A voltage greater than 1.5V will turn on the chip.
7
7
ADIM
Analog Dimming Input. A voltage in range of 0V to 1.2V on ADIM pin adjusts the
LED current from 0 to 100%. The ADIM pin voltage is high (about 3.3V) if left
floating.
8
8
FST
Frequency Set. A resistor from FST to VSS sets the switching frequency if there
is no SYN input. If left open, switching frequency reverts to an internal default
value.
9
9
SLOPE
Programmable Slope Compensation. Connect a resistor from SLOPE to VSS to
set the slope-compensation peak amplitude. If left open, slope compensation
reverts to an internal default value.
10
10
COMP
Error Amplifier Output. Connect a capacitor ≥1nF from the COMP pin to VSS to
improve the stability and to provide a soft-start on start-up or for PWM dimming.
11
11
FB
LED Current Feedback. The MP4603 regulates the voltage across the current
sensing resistor between FB and VSS with 200mV. If the FB voltage exceeds
300mV for 450µs or exceeds 600mV, LED short protection triggers.
12
12
OVP
Over Voltage Protection. Use one external resistor voltage divider from the
output to VSS to program the OVP threshold. This voltage references VSS.
When the OVP pin voltage reaches the 1.2V threshold, the switch turns off and
the IC latches off. When the OVP pin voltage falls below 0.4V and the FB pin
voltage is less than 0.1V, the chip frequency folds back. Program the OVP pin
voltage from 0.4V to 1.2V for normal operation.
13
13
DGD
LED Dimming-Switch Gate Drive Output.
14
14
VSS
Negative Voltage Output. The voltage reference for OVP, FB, COMP, SLOPE,
DGD and FST.
15
15
SW
Switch Output. The source of the internal MOSFET switch. Connect to the power
inductor and cathode of the Schottky rectifier.
16
16
BST
Bootstrap. Connect a capacitor between the SW and BST pins to form a floating
supply across the power switch driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com