Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4651 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4651
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4651 Datasheet HTML 4Page - Monolithic Power Systems MP4651 Datasheet HTML 5Page - Monolithic Power Systems MP4651 Datasheet HTML 6Page - Monolithic Power Systems MP4651 Datasheet HTML 7Page - Monolithic Power Systems MP4651 Datasheet HTML 8Page - Monolithic Power Systems MP4651 Datasheet HTML 9Page - Monolithic Power Systems MP4651 Datasheet HTML 10Page - Monolithic Power Systems MP4651 Datasheet HTML 11Page - Monolithic Power Systems MP4651 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP4651—OFF LINE LED DRIVER
MP4651 Rev.1.0
www.MonolithicPower.com
11
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
rise
BFS
Burst
BFS
1D
C
f
R
0.405
−
=
××
For Drise= 0.1, fBurst = 200Hz, then RBFS = 212k, CBFS =
52nF
For direct PWM burst dimming, pull BFS high to
VCC through a 20kΩ resistor and apply the PWM
signal to PWMIN pin.
Pin 2 (SYNC):
Burst frequency synchronization. This pin is used
to synchronize the burst dimming frequency.
Applying a synchronizing frequency signal with
small pulse will synchronize the burst frequency.
SYNC
EN
FB
VCC
BFS
FSET
FT
GND
GL
PWMOUT
VIN
GR
OVP
PWMIN
COMP
1
2
3
4
5
6
7
8
MP4651
14
15
16
SSD
10
11
12
SYNC
Signal
9
REF
13
A
BFS
ILED
Burst dimming
signal
1.2V
3.55V
2.4V
SYNC
Signal
A
Figure 4—Synchronized DC Input Burst
Dimming
Figure 4 shows the synchronized DC input burst
dimming. The synchronizing signal is filtered by
a high pass filter. Its rising edge is caught and
used for synchronizing the triangle waveform on
BFS pin. The synchronizing frequency should be
higher than that set by BFS pin and the
amplitude of the synchronizing signal should be
higher than 1.4V.
Table 1—Function Mode
Function
Pin Connection
PWM
BFS
SYNC
Burst Mode with DC
Input Voltage
0V to
1.2V
CBFS, RBFS
GND
Burst Mode with DC
Input Voltage and
Synchronizing
frequency
0V to
1.2V
CBFS, RBFS
R,C,D
network
Burst Mode with
External PWM Source
PWM
To VCC
through
20kΩ
resistor
GND
Burst Brightness Polarity: 100% duty cycle at
PWM voltage 1.2V.
Pin 11 (EN):
Pull this pin high to enable the chip, and pull it
low to disable the chip.
Pin 12 (VIN):
Supply voltage input. Bypass the supply voltage
with a 0.1uF or greater ceramic cap. This cap
should be placed close to the IC.
Pin 13 (VCC):
This pin provides the gate driver supply voltage,
its typical value is 9.7V. Connect a 1uF or greater
ceramic capacitor on this pin to bypass the
supply voltage. This voltage is also used to
supply the external control circuit.
Pin 14(GL), Pin 16 (GR):
Gate driving signals output. GL and GR are 180
degree phase shifted driving signals. With its
enhanced driving capability, GL and GR are able
to directly drive the externally MOSFET in the off-
line system through a gate driving transformer.
Connect two 5Ω resistors in series with GL and
GR to reduce the EMI noise.
A 2.2nF Y capacitor is recommended to be
placed between the primary reference ground
and secondary reference ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com