Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS169-73 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS169-73
Description  PHEMT GaAs IC SPDT Switch DC-2.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS169-73 Datasheet(HTML) 2 Page - Alpha Industries

  AS169-73 Datasheet HTML 1Page - Alpha Industries AS169-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC SPDT Switch DC–2.5 GHz
AS169-73
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 11/99A
V1
V2
J1–J2
J1–J3
VHigh
0
Isolation
Insertion Loss
0VHigh
Insertion Loss
Isolation
Truth Table
VHigh = +3 to +5 V (VS = VHigh ± 0.2 V).
Pin Out
J1
GND
CBL
CBL
CBL
J2
J3
V1
V2
Typical Performance Data (0, +3 V)
Insertion Loss vs. Frequency
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
VSWR vs. Frequency
1.0
1.1
1.2
1.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Isolation vs. Frequency
Frequency (GHz)
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Characteristic
Value
RF Input Power
6 W > 500 MHz
0/+7 V Control
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
DC blocking capacitors (CBL) must be supplied externally for
positive voltage operation.
CBL = 100 pF for operation >500 MHz.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com