Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5220 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5220
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5220 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5220 Datasheet HTML 1Page - Monolithic Power Systems MP5220 Datasheet HTML 2Page - Monolithic Power Systems MP5220 Datasheet HTML 3Page - Monolithic Power Systems MP5220 Datasheet HTML 4Page - Monolithic Power Systems MP5220 Datasheet HTML 5Page - Monolithic Power Systems MP5220 Datasheet HTML 6Page - Monolithic Power Systems MP5220 Datasheet HTML 7Page - Monolithic Power Systems MP5220 Datasheet HTML 8Page - Monolithic Power Systems MP5220 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP5120_MP5220_MP5420 –HIGH SPEED, +/-9V, RAIL-TO-RAIL INPUT-OUTPUT OP AMPS
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
2
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP5120DJ
TSOT
8F
MP5220DK
MSOP
5220D
MP5420DM
TSSOP
M5420DM
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP5120DJ–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MP5120DJ–LF–Z)
PACKAGE INFORMATION
TOP VIEW
TOP VIEW
--
--
--
+
1
TOP VIEW
1
4
3
2
8
5
6
7
5
4
2
3
VS+
VOUT
VOUTA
MP5120
(5-PIN TSOT)
MP5420
(14-PIN TSSOP)
MP5220
(8-PIN MSOP)
VINA-
VS-
VS+
VOUTB
VINB-
VINB+
VINA+
1
4
3
2
VOUTA
VINA-
VS+
VINA+
7
6
5
14
11
12
13
8
9
10
VINB+
VOUTB
VINB-
VOUTD
VIND-
VS-
VIND+
VINC+
VOUTC
VINC-
VS-
VIN+
VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com