Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM03A-050-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PSM03A-050-R
Description  2.75W Compact Fixed Blade Charger Small/Thin Wall Plug Adapter with DC Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSM03A-050-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PSM03A-050-R Datasheet HTML 1Page - Phihong USA Inc. PSM03A-050-R Datasheet HTML 2Page - Phihong USA Inc. PSM03A-050-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 3/6/2013
WWW.PHIHONG.COM
2.75W Compact Fixed Blade Charger
Small/Thin Wall Plug Adapter with DC Cord
Features
 North America Fixed Blade AC Input
 Limited Power Source
 CC & CV control
 Class B EMI
 Ecodesign ErP Directive 2009/125/EC
level 2 annex 1b compliant
 No Y Caps
 Class 2 Output
Applications
 MPEG Players
 Personal Electronics
 PDAs
 Digital Cameras
 Medical Test Device Charging
 Cordless Tools
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 39.4mm (1.65in)
 Height: 21.0mm (0.87in)
 Width: 43mm (1.65in)
 Weight: 45g (1.59oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
DC Output
Voltage
Load
Ripple
P-P (max)
Regulation
Min.
Max.
Line
Load
PSM03A-050-R
5V
0A
0.55A
100mV
5%
PSM03A-075-R
7.5V
0A
0.366A
100mV
5%
PSM03A-090-R
9V
0A
0.305A
100mV
5%
PSM03A-100-R
10V
0A
0.275A
120mV
5%
PSM03A-120-R
12V
0A
0.23A
200mV
5%


Similar Part No. - PSM03A-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03A-050 PHIHONG-PSM03A-050 Datasheet
165Kb / 3P
2.75W Compact Fixed Blade Charger with DC Cord
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
2.75W Compact Fixed Blade USB Charger
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
184Kb / 3P
2.75W Compact Fixed Blade Charger
PSM03A-050Q-3W PHIHONG-PSM03A-050Q-3W Datasheet
184Kb / 3P
2.75W Compact Fixed Blade Charger
PSM03A-050Q PHIHONG-PSM03A-050Q_18 Datasheet
184Kb / 3P
2.75W Compact Fixed Blade Charger
More results

Similar Description - PSM03A-050-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
2.75W Compact Fixed Blade USB Charger
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3 Datasheet
89Kb / 2P
2.75W Compact Fixed Blade USB Power Adapter (China)
PSM03E-050Q PHIHONG-PSM03E-050Q Datasheet
58Kb / 2P
2.75W Compact Fixed Blade Charger (Europe) Ecodesign Compliant USB Adapter
PSM03K-050Q PHIHONG-PSM03K-050Q Datasheet
109Kb / 2P
2.75W Compact Fixed Blade Charger (United Kingdom) Ecodesign Compliant USB Adapter
PSM03S-050Q-3W-R PHIHONG-PSM03S-050Q-3W-R Datasheet
80Kb / 2P
2.75W Compact Fixed Blade Charger (Australia/New Zealand) Level V Efficient USB Adapter
PSM03A-050 PHIHONG-PSM03A-050 Datasheet
165Kb / 3P
2.75W Compact Fixed Blade Charger with DC Cord
PSM03A-050Q PHIHONG-PSM03A-050Q_18 Datasheet
184Kb / 3P
2.75W Compact Fixed Blade Charger
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3_18 Datasheet
175Kb / 3P
2.75W Compact Fixed Blade USB Power Adapter
PSM03K-050Q PHIHONG-PSM03K-050Q_18 Datasheet
221Kb / 3P
2.75W Compact Fixed Blade Charger
PSM03S-050Q-3 PHIHONG-PSM03S-050Q-3 Datasheet
192Kb / 3P
2.75W Compact Fixed Blade Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com