Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6205DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6205DD
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6205DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6205DD Datasheet HTML 1Page - Monolithic Power Systems MP6205DD Datasheet HTML 2Page - Monolithic Power Systems MP6205DD Datasheet HTML 3Page - Monolithic Power Systems MP6205DD Datasheet HTML 4Page - Monolithic Power Systems MP6205DD Datasheet HTML 5Page - Monolithic Power Systems MP6205DD Datasheet HTML 6Page - Monolithic Power Systems MP6205DD Datasheet HTML 7Page - Monolithic Power Systems MP6205DD Datasheet HTML 8Page - Monolithic Power Systems MP6205DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP6205 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHE
MP6205 Rev. 0. 92
www.MonolithicPower.com
2
9/23/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
* Enable Switch
Maximum
Continuous
Load Current
Maximum
Short-Circuit
Current
@ TA=25°C
Package
Top
Marking
Temperature
MP6205DH
MSOP8E
6205D
MP6205DD
QFN8
(2mm x
3mm)
7CYW
MP6205DN
Active
High
Single
500mA
1100mA
SOIC8E
MP6205DN
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP6205D_–Z).
For RoHS Compliant Packaging, add suffix –LF. (eg.
MP6205D_–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
GND
IN
IN
EN
OUT
OUT
OUT
FLAG
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
TOP VIEW
GND
IN
IN
EN
1
2
3
4
N/C
OUT
OUT
FLAG
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
GND
IN
IN
EN
N/C
N/C
OUT
FLAG
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
MSOP8E
QFN8 (2mm x 3mm)
SOIC8E
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............65°C to +150°C
Operating Temperature..............40°C to +85°C
Thermal Resistance
(2)
θJA
θJC
MSOP8E .................................55 ...... 12 ...
°C/W
QFN8 (2mm x 3mm) ...............55 ...... 12 ...
°C/W
SOIC8E...................................50 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Measured on JESD51-7 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com