Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT240AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCT240AF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT240AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT240AF Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT240AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCT240,244AF/AFT/AFK
2008-12-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AF,TC74VHCT240AFT,TC74VHCT240AFK
TC74VHCT244AF,TC74VHCT244AFT,TC74VHCT244AFK
Octal Bus Buffer
TC74VHCT240AF/AFT/AFK
Inverted, 3-State Outputs
TC74VHCT244AF/AFT/AFK
Non-Inverted, 3-State Outputs
The TC74VHCT240A and 244A are advanced high speed
CMOS OCTAL BUS BUFFERs fabricated with silicon gate
C2MOS technology. They achieve the high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining
the CMOS low power dissipation.
The TC74VHCT240A is an inverting 3-state buffer having two
active-low output enables. The TC74VHCT244A is a
non-inverting 3-state buffer, and has two active-low output
enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing
3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to
the supply voltage. These structure prevents device destruction
due to mismatched supply and input/output voltages such as
battery back up, hot board insertion, etc.
Note:
Output in off-state
Features
• High speed: tpd = 6.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 240/244 type.
TC74VHCT240AF, TC74VHCT244AF
TC74VHCT240AFT, TC74VHCT244AFT
TC74VHCT240AFK, TC74VHCT244AFK
Weight
SOP20-P-300-1.27A:
0.22 g (typ.)
TSSOP20-P-0044-0.65A:
0.08 g (typ.)
VSSOP20-P-0030-0.50:
0.03 g (typ.)


Similar Part No. - TC74VHCT240AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
221Kb / 9P
Octal Bus Buffer
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AFK TOSHIBA-TC74VHCT240AFK Datasheet
221Kb / 9P
Octal Bus Buffer
TC74VHCT240AFK TOSHIBA-TC74VHCT240AFK Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHCT240AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com