Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHCT240AFK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHCT240AFK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT240AFK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCT240AFK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT240AFK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCT240,244AF/AFT/AFK
2008-12-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
4.5 to 5.5
2.0
⎯
⎯
2.0
⎯
V
Low-level input
voltage
VIL
⎯
4.5 to 5.5
⎯
⎯
0.8
⎯
0.8
V
IOH = −50 μA
4.5
4.40
4.50
⎯
4.40
⎯
High-level output
voltage
VOH
VIN
= VIH or VIL I
OH = −8 mA
4.5
3.94
⎯
⎯
3.80
⎯
V
IOL = 50 μA
4.5
⎯
0.0
0.10
⎯
0.10
Low-level output
voltage
VOL
VIN
= VIH or VIL I
OL = 8 mA
4.5
⎯
⎯
0.36
⎯
0.44
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
⎯
⎯
±0.25
⎯
±2.50
μA
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
5.5
⎯
⎯
4.0
⎯
40.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
⎯
⎯
1.35
⎯
1.50
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
⎯
⎯
0.5
⎯
5.0
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com