Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6505 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6505
Description  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6505 Datasheet HTML 1Page - Monolithic Power Systems MP6505 Datasheet HTML 2Page - Monolithic Power Systems MP6505 Datasheet HTML 3Page - Monolithic Power Systems MP6505 Datasheet HTML 4Page - Monolithic Power Systems MP6505 Datasheet HTML 5Page - Monolithic Power Systems MP6505 Datasheet HTML 6Page - Monolithic Power Systems MP6505 Datasheet HTML 7Page - Monolithic Power Systems MP6505 Datasheet HTML 8Page - Monolithic Power Systems MP6505 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP6505-SINGLE-PHASE, BRUSHLESS-DC–MOTOR DRIVER
MP6505 Rev.1.0
www.MonolithicPower.com
2
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6505DM*
TSSOP16(5.0×6.4mm)
MP6505
MP6505DQ**
QFN16(3×3mm)
ADB
* For Tape & Reel, add suffix –Z (eg. MP6505DM–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP6505DM–LF–Z)
* For Tape & Reel, add suffix –Z (eg. MP6505DQ–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP6505DQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
TSSOP16
QFN16
ABSOLUTE MAXIMUM RATINGS(1)
VCC ......................................................0V to 20V
OUT1, OUT2......................................-1V to 20V
FG, RD............................................-0.3V to 18V
All other Pins..................................-0.3V to 6.5V
Continuous Power Dissipation (TA = 25°C)
(2)
TSSOP16................................................. 1.17W
QFN16 ..................................................... 1.75W
Junction Temperature...............................150°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
VCC ...................................................4.5V to 16V
VTH.......................................................0V to 6V
IN+, IN- ..............................................0.2V to 3V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP16 (5.0×6.4mm) ..........90 ...... 30 ... °C/W
QFN16 (3×3mm) .....................60 ...... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.(For Vcc voltage range, it doesn’t include
the external input diode voltage drop)
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com