Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6902DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6902DS
Description  Fast Turn-off Intelligent Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6902DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6902DS Datasheet HTML 1Page - Monolithic Power Systems MP6902DS Datasheet HTML 2Page - Monolithic Power Systems MP6902DS Datasheet HTML 3Page - Monolithic Power Systems MP6902DS Datasheet HTML 4Page - Monolithic Power Systems MP6902DS Datasheet HTML 5Page - Monolithic Power Systems MP6902DS Datasheet HTML 6Page - Monolithic Power Systems MP6902DS Datasheet HTML 7Page - Monolithic Power Systems MP6902DS Datasheet HTML 8Page - Monolithic Power Systems MP6902DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP6902- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6902 Rev. 1.13
www.MonolithicPower.com
2
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6902DS
SOIC8
MP6902DS
* For Tape & Reel, add suffix –Z (e.g. MP6902DS–Z);
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6902DS–LF–Z)
PACKAGE REFERENCE
PGND
EN
LL
VD
VG
NC
VDD
VSS
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
VDD to VSS......................................-0.3V to +27V
PGND to VSS ................................-0.3V to +0.3V
VG to VSS ......................................... -0.3V to VCC
VD to VSS .....................................-0.7V to +180V
LL, EN to VSS ...............................-0.3V to +6.5V
Maximum Operating Frequency............ 400 kHz
Continuous Power Dissipation
(TA=+25°C)
(2)
............................................................. 1.4W
Junction Temperature...............................150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature .............. -55°C to +150
°C
Recommended Operation Conditions
(3)
VDD to VSS............................................8V to 24V
Operating Junction Temp. (TJ).... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................90 ...... 45 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com