Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6910DZ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6910DZ
Description  Fast Turn-off Intelligent Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6910DZ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6910DZ Datasheet HTML 1Page - Monolithic Power Systems MP6910DZ Datasheet HTML 2Page - Monolithic Power Systems MP6910DZ Datasheet HTML 3Page - Monolithic Power Systems MP6910DZ Datasheet HTML 4Page - Monolithic Power Systems MP6910DZ Datasheet HTML 5Page - Monolithic Power Systems MP6910DZ Datasheet HTML 6Page - Monolithic Power Systems MP6910DZ Datasheet HTML 7Page - Monolithic Power Systems MP6910DZ Datasheet HTML 8Page - Monolithic Power Systems MP6910DZ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP6910- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6910 Rev. 1.04
www.MonolithicPower.com
2
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6910DZ
TO220-3
MP6910DZ
*
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6910DZ–LF)
PACKAGE REFERENCE
VDDVD VS
ABSOLUTE MAXIMUM RATINGS
(1)
VDD to VS .......................................-0.3V to +27V
VD to VS.......................................-0.7V to +100V
Maximum Operating Frequency............. 400kHz
Continuous Drain Current (TC=25°C) .......... 40A
Continuous Drain Current (TC=100°C) ........ 15A
Maximum Power Dissipation
(2) ................. 2.7W
Junction Temperature...............................150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature .............. -55°C to +150
°C
Recommended Operation Conditions
(3)
VDD to VS .............................................8V to 24V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TO220-3..................................45 ....... 3 ....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) TA=+25℃. The maximum allowable power dissipation is a
function of the maximum junction temperature TJ (MAX), the
junction-to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com