Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6920DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6920DN
Description  Fast Turn-Off Intelligent Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6920DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6920DN Datasheet HTML 1Page - Monolithic Power Systems MP6920DN Datasheet HTML 2Page - Monolithic Power Systems MP6920DN Datasheet HTML 3Page - Monolithic Power Systems MP6920DN Datasheet HTML 4Page - Monolithic Power Systems MP6920DN Datasheet HTML 5Page - Monolithic Power Systems MP6920DN Datasheet HTML 6Page - Monolithic Power Systems MP6920DN Datasheet HTML 7Page - Monolithic Power Systems MP6920DN Datasheet HTML 8Page - Monolithic Power Systems MP6920DN Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP6920- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6920 Rev. 1.01
www.MonolithicPower.com
2
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6920DN*
SOIC8E
MP6920
* For Tape & Reel, add suffix –Z (e.g. MP6920DN–Z);
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6920DN–LF–Z)
PACKAGE REFERENCE
VSS
VSS
VSS
VDD
NC
NC
SENSE
NC
1
2
3
4
8
7
6
5
TOP VIEW
VD
EXPOSED PAD
SOIC8E
ABSOLUTE MAXIMUM RATINGS
(1)
VDD to VSS......................................-0.3V to +26V
VD to VSS .......................................-0.7V to +60V
Maximum Operating Frequency............. 300kHz
Continuous Power Dissipation (TA = 25°C)
(2)
SOIC8E……………………………………....2.5W
Junction Temperature...............................150°C
Lead Temperature (Solder).......................260°C
Storage Temperature .............. -55°C to +150°C
Recommended Operation Conditions
(3)
VDD to VSS............................................8V to 24V
Operating Junction Temp. (TJ).... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E...................................50 ...... 10 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB. Without heatsink.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com