Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6922DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6922DN
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6922DN Datasheet HTML 1Page - Monolithic Power Systems MP6922DN Datasheet HTML 2Page - Monolithic Power Systems MP6922DN Datasheet HTML 3Page - Monolithic Power Systems MP6922DN Datasheet HTML 4Page - Monolithic Power Systems MP6922DN Datasheet HTML 5Page - Monolithic Power Systems MP6922DN Datasheet HTML 6Page - Monolithic Power Systems MP6922DN Datasheet HTML 7Page - Monolithic Power Systems MP6922DN Datasheet HTML 8Page - Monolithic Power Systems MP6922DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
2
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6922DN*
SOIC8E
MP6922
MP6922DS**
SOIC14
MP6922
MP6922DSE***
SOIC8
MP6922
*For Tape & Reel, add suffix –Z (e.g. MP6922DN–Z);
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6922DN–LF–Z)
**For Tape & Reel, add suffix –Z (e.g. MP6922DS–Z);
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6922DS–LF–Z)
***For Tape & Reel, add suffix –Z (e.g. MP6922DSE–Z);
For RoHS Compliant Packaging, add suffix –LF; (e.g. MP6922DSE–LF–Z)
PACKAGE REFERENCE
TOP VIEW
PGND
EN
VDD
1
2
3
45
7
8
MP6922
SOIC-8
6
V
D2
VG
V
V
VG
2
D1
SS
1
TOP VIEW
PGND
EXPOSED PAD
(SOIC8 N ONLY)
V
D1
EN
VDD
1
2
3
45
7
8
MP6922
SOIC-8E
6
V
D2
VG
V
S1
V
S2
VG
2
D1
S1
1
TOP VIEW
VS1
EN
1
2
3
4
5
69
10
11
12
13
14
RCP
7
8
NC
MP6922
SOIC-14
VD1
VG1
VS2
PGND
VDD
LL
VD2
VG2
PGND
NC
SOIC8
SOIC8E
SOIC14
ABSOLUTE MAXIMUM RATINGS
(1)
VDD to VS1,VS2, VSS ........................-0.3V to +26V
PGND to VS1,VS2, VSS...................-0.3V to +0.3V
VG1 to VS1, VSS................................. -0.3V to VDD
VG2 to VS2, VSS................................. -0.3V to VDD
VD1 to VS1, VSS.............................-0.7V to +180V
VD2 to VS2, VSS.............................-0.7V to +180V
LL, EN to VS1,VS2, VSS ..................-0.3V to +6.5V
Maximum Operating Frequency............ 300 kHz
Continuous Power Dissipation.. (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
SOIC14 ...................................................... 1.5W
SOIC8 ........................................................ 1.4W
Junction Temperature...............................150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature .............. -55°C to +150
°C
Recommended Operation Conditions
(3)
VDD to VS1,VS2, VSS...............................8V to 24V
Operating Junction Temp. (TJ).... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................90 ...... 45 ...
°C/W
SOIC8E...................................50 ...... 10 ...
°C/W
SOIC14 ...................................86 ...... 38 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) TA=+25℃. The maximum allowable power dissipation is a
function of the maximum junction temperature TJ (MAX), the
junction-to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and
the regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB. Without heatsink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com