Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS33600LM Datasheet(PDF) 1 Page - saftbatteries

Part # LS33600LM
Description  3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS33600LM Datasheet(HTML) 1 Page - saftbatteries

  LS33600LM Datasheet HTML 1Page - saftbatteries LS33600LM Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key features
q
High and stable operating voltage
q
Low self-discharge rate
(less than 1% after 1 year of
storage at + 20°C)
q
Stainless steel construction
q
Hermetic glass-to-metal sealing
q
Built-in safety vent
q
Non-flammable electrolyte
q
Restricted for transport (Class 9)
q
Typical magnetic signatures:
200 nT (2 mGauss) at 6 mm
10 nT (0.1 mGauss) at 127 mm
3 nT (0.03 mGauss) at 300 mm
Main applications
q
Seismic surveying
q
Oceanographic instrumentation
q
Buoys
q
Scientific equipment
etc...
Optional upon request
q
Specific cell terminations
q
Multi-cell battery packs
September 2004
Cell size references
UM1 – R20 – D
Primary lithium batteries
LS 33600LM
For magnetism-sensitive applications
requesting good voltage response
and operating life in - 60°C/+ 85°C
environments.
3.6V Primary lithium-thionyl chloride (Li-SOCl2)
High energy
D-size bobbin cell
with low magnetic signature
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
17.0 Ah
(at 5 mA + 20°C 2.0V cut off. The capacity restored by the cell varies
according to current drain, temperature and cut off).
Open circuit voltage
(at + 20°C)
3.67V
Nominal voltage
(at 0.7mA + 20°C)
3.6V
Pulse capability: Typically up to 400 mA (400 mA/0.1 second pulses,
drained every 2 mn at + 20°C from undischarged cells with 10 µA base
current, yield voltage readings above 3.0V. The readings may vary according
to the pulse characteristics, the temperature, and the cell's previous history.
Fitting the cell with a capacitor may be recommended in severe conditions.
Consult Saft)
Continuous current permitting 50% of the nominal capacity
to be achieved at + 20°C with 2.0V cut off.
250 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
33.4 mm (1.32 in)
Height (max)
60.2 mm (2.37 in)
Typical weight
90 g (3.2 oz)
Li metal content
approx. 4.5 g


Similar Part No. - LS33600LM

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS33600 SAFT-LS33600 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
More results

Similar Description - LS33600LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS14250 ETC2-LS14250 Datasheet
62Kb / 2P
3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS9V SAFT-LS9V Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com