Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS33600C Datasheet(PDF) 2 Page - saftbatteries

Part # LS33600C
Description  3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS33600C Datasheet(HTML) 2 Page - saftbatteries

  LS33600C Datasheet HTML 1Page - saftbatteries LS33600C Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Saft
Specialty Battery Group
12, rue Sadi Carnot
93170 Bagnolet - France
Tel +33 (0)1 49 93 19 18
Fax +33 (0)1 49 93 19 69
www.saftbatteries.com
Doc. No 31017-2-1106
Information in this document is subject to change without notice
and becomes contractual only after written confirmation by Saft.
For more details on primary lithium technologies please refer to
Primary Lithium Batteries Selector Guide Doc No 31048-2.
Published by the Communications Department.
Photo credit: Saft
Société anonyme au capital de 31 944 000
RCS Bobigny B 383 703 873
Produced by Arthur Associates
2.1
± 0.2
61.0
± 0.6
0.5
Ø 9.3
± 0.1
(on flat surface)
Ø 33.1
± 0.3
Ø 18.0
± 0.2
(on flat surface)
Ø 33.1
± 0.3
Ø 13.8
± 0.2
(on flat surface)
0.6
± 0.2
0.5
59.6
± 0.6
Ø 18.0
± 0.2
(on flat surface)
LS 33600C
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
+ 20°C
1
10
100
- 20°C
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
0.1
1
10
100
1000
10000
18.0
16.0
14.0
12.0
10.0
8.0
6.0
4.0
2.0
0
- 20°C
+ 20°C
1
10
100
Current (mA)
Voltage plateau versus Current and Temperature (at mid-discharge)
Time (hours)
Typical discharge profiles at + 20°C
Current (mA)
Restored Capacity versus Current and Temperature (2.0 V cut off)
Finished version with protruding positive end cap
Finished version with flat positive end cap
Dimensions in mm.
Storage
• The storage area should be clean,
cool (preferably not exceeding
+ 30°C), dry and ventilated.
Warning
• Fire, explosion and burn hazard.
• Do not recharge, short circuit,
crush, disassemble, heat above
100°C (212°F), incinerate,
or expose contents to water.
• Do not solder directly to the cell
(use tabbed cell versions instead).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com