Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS33600 Datasheet(PDF) 1 Page - saftbatteries

Part # LS33600
Description  3.6 V Primary lithium-thionyl chloride High energy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS33600 Datasheet(HTML) 1 Page - saftbatteries

  LS33600 Datasheet HTML 1Page - saftbatteries LS33600 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
l
High voltage response, stable
during most of the lifetime of the
application
l
Wide operating temperature
range (- 60°C/85°C)
l
Easy integration in compact
system
l
Low self-discharge rate
(less than 1 % after 1 year of
storage at + 20°C)
Key features
l
Stainless steel container
l
Hermetic glass-to-metal sealing
l
Built-in safety vent
l
Finish with or without flat
positive end
l
Non-flammable electrolyte
l
Compliant with IEC 60086-4
safety standard and
IEC 60079-11 intrinsic safety
standard
l
Underwriters Laboratories (UL)
Component Recognition
(File Number MH 12609)
l
Restricted for transport (Class 9)
Main applications
l
Utility metering
l
Automatic meter readers
l
Buoys
l
Measuring equipment
l
Industrial applications
l
Professional electronics
l
Marine equipment
Optional upon request
l
Low magnetic version
July 2010
Cell size references
D
Primary lithium battery
LS 33600
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High energy
D-size bobbin cell
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
17.0 Ah
(at 5 mA + 20°C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.7 mA + 20°C)
3.6 V
Nominal energy
61.2 Wh
Pulse capability: Typically up to 400 mA
(400 mA/0.1 second pulses, drained every 2 mn at + 20°C from undischarged cells with 10 µA
base current, yield voltage readings above 3.0 V. The readings may vary according to the pulse
characteristics, the temperature, and the cell’s previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
250 mA
(to maintain cell heating within safe limits. Battery packs may imply lower
level of maximum current and may request specific thermal protection.
Consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
33.4 mm (1.32 in)
Height (max)
60.2 or 61.6 mm
(2.37 in or 2.42 in)
depending on finish type
Typical weight
90 g (3.2 oz)
Li metal content
approx. 4.5 g
Available termination suffix
CN, CNR
radial tabs
CNA (AX)
axial leads
FL
flying leads... etc.


Similar Part No. - LS33600

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS33600 SAFT-LS33600 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
More results

Similar Description - LS33600

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20HTS SAFT-LSH20HTS Datasheet
513Kb / 2P
3.6 V Primary lithium-thionyl chloride High power and super robust D-size spiral cell
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS9V SAFT-LS9V Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
logo
XENOENERGY Co.Ltd.,
XL-060F XENO-XL-060F Datasheet
211Kb / 1P
Thionyl Chloride Lithium Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com