Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS17500 Datasheet(PDF) 1 Page - saftbatteries

Part # LS17500
Description  3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAFT [saftbatteries]
Direct Link  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS17500 Datasheet(HTML) 1 Page - saftbatteries

  LS17500 Datasheet HTML 1Page - saftbatteries LS17500 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
July 2010
Primary lithium battery
LS 17500
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
A-size bobbin cell
Benefits
• High voltage response, stable
during most of the lifetime of
the application
• Wide operating temperature
range (- 60/+ 85°C)
• Low self-discharge rate
(less than 1 % after 1 year of
storage at + 20°C)
• Easy integration into compact
systems
• Superior resistance to
atmospheric corrosion
Key features
• Stainless steel container
and end caps
(low magnetic signature)
• Hermetic glass-to-metal sealing
• Non-flammable electrolyte
• Underwriters Laboratories (UL)
Component Recognition
• Compliant with IEC 60086-4
safety standard and
IEC 60079-11 intrinsic safety
standard
(class T3 assignment)
• Non-restricted for transport/
Non-assigned to Class 9
according to the UN
Recommendations on the
transport of dangerous goods
– Model Regulations
• Manufactured in France
Main applications
• Utility metering
• Automatic meter reading
• Alarms and security devices
• Tollgate systems
• Identification tags
• Tracking systems
• Automotive electronics
• Professional electronics
Cell size reference
A
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
3.6 Ah
(at 3 mA + 20°C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.3 mA + 20°C)
3.6 V
Nominal energy
12.96 Wh
Pulse capability: Typically up to 250 mA
(250 mA/0.1 second pulses, drained every 2 mn at + 20°C from undischarged cells with 10 µA
base current, yield voltage readings above 3.0 V. The readings may vary according to the pulse
characteristics, the temperature, and the cell's previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
100 mA
(Higher currents are possible. Consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
17.13 mm (0.67 in)
Height (max)
50.9 mm (2.00 in)
Typical weight
21.9 g (0.8 oz)
Li metal content
approx. 0.9 g
Available termination suffix
CN, CNR
radial tabs
2 PF, 3 PF, 3 PF RP, 4 PF
radial pins
CNA (AX)
axial leads
FL
flying leads...etc.


Similar Part No. - LS17500

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
logo
Texas Instruments
LS173A TI2-LS173A Datasheet
966Kb / 19P
4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
REVISED JUNE 1999
logo
CITIZEN ELECTRONICS CO....
LS17B2 CITIZEN-LS17B2 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS17B2 CITIZEN-LS17B2 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS17B2T CITIZEN-LS17B2T Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
More results

Similar Description - LS17500

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS9V SAFT-LS9V Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com