Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS209-321 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS209-321
Description  GaAs IC Reflective SPDT DC-6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS209-321 Datasheet(HTML) 2 Page - Alpha Industries

  AS209-321 Datasheet HTML 1Page - Alpha Industries AS209-321 Datasheet HTML 2Page - Alpha Industries AS209-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs IC Reflective SPDT DC–6 GHz
AS209-321
2
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/02A
VC2
J2
N/C
N/C
J3
N/C
CBL
CBL
Pin Out
Typical Performance Data (0, +5 V, CBL = 47 pF)
Insertion Loss vs. Frequency
Frequency (GHz)
01234
6
57
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
Isolation vs. Frequency
Frequency (GHz)
01234
6
57
-50
-40
-30
-20
-10
0
J2
Return Loss vs. Frequency
Frequency (GHz)
01234
6
57
-20
-15
-10
-5
0
J1
J2
Input IP3 vs. Frequency
Frequency (GHz)
45
46
47
48
49
50
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8 3.9
VC1
VC2
J1–J2
J1–J3
0
1
Insertion Loss
Isolation
1
0
Isolation
Insertion Loss
Truth Table
DC blocks required. CBL = 47 pF for operation >500 MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com