Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS210-321 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS210-321
Description  GaAs IC Reflective SPDT with Driver 3-6 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS210-321 Datasheet(HTML) 2 Page - Alpha Industries

  AS210-321 Datasheet HTML 1Page - Alpha Industries AS210-321 Datasheet HTML 2Page - Alpha Industries AS210-321 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs IC Reflective SPDT with Driver 3–6 GHz
AS210-321
2
Alpha Industries, Inc. [978] 241-7000
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/02A
C1
J1
N/C
N/C
J3
N/C
Pin Out (Top View)
Typical Performance Data at 25°C
Return Loss vs. Frequency
Frequency (GHz)
3.0
3.5
4.0
4.5
5.0
6.0
5.5
-20
-15
-10
-5
0
Isolation vs. Frequency
Frequency (GHz)
-50
-40
-30
-20
-10
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Insertion Loss vs. Frequency
Frequency (GHz)
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input IP3 vs. Frequency
Frequency (GHz)
50
51
52
53
54
55
56
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
C1
J1–J2
J2–J3
0
Isolation
Insertion Loss
1
Insertion Loss
Isolation
Truth Table
Ground is connected to paddle on bottom.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com