Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP361YRJZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP361YRJZ
Description  Single 0.275% Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP361YRJZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP361YRJZ Datasheet HTML 4Page - Analog Devices ADCMP361YRJZ Datasheet HTML 5Page - Analog Devices ADCMP361YRJZ Datasheet HTML 6Page - Analog Devices ADCMP361YRJZ Datasheet HTML 7Page - Analog Devices ADCMP361YRJZ Datasheet HTML 8Page - Analog Devices ADCMP361YRJZ Datasheet HTML 9Page - Analog Devices ADCMP361YRJZ Datasheet HTML 10Page - Analog Devices ADCMP361YRJZ Datasheet HTML 11Page - Analog Devices ADCMP361YRJZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADCMP361
Rev. 0 | Page 11 of 12
APPLICATION INFORMATION
The ADCMP361 is a low power comparator and reference
circuit featuring a 400 mV reference that operates from 1.7 V
to 5.5 V. The comparator is 0.275% accurate with a built-in
hysteresis of 9.3 mV. There are two outputs, one the inverse
of the other. This enables the ADCMP361 to be used as an
inverting or a noninverting comparator circuit. These open-
drain outputs are capable of sinking 40 mA.
COMPARATORS AND INTERNAL REFERENCE
The comparator has one input available externally; the other
comparator input is connected internally to the 400 mV reference.
The rising input threshold voltage of the comparators is designed
to be equal to that of the reference.
POWER SUPPLY
The ADCMP361 is designed to operate from 1.7 V to 5.5 V.
A 100 nF decoupling capacitor is recommended between VDD
and GND.
INPUTS
The comparator input is limited to the maximum VDD voltage
range. The voltage on these inputs can be above VDD but never
above the maximum allowed VDD voltage. When adding a
resistor string to the input, care must be taken when choosing
resistor values. This is due to the fact that the input bias current
will be in parallel with the bottom resistor, R2, of the input
resistor divider string. This bottom resistor must therefore be
chosen carefully in order to reduce the error introduced by this
bias current (see Figure 30).
OUTPUTS
The open-drain comparator outputs are limited to the
maximum specified VDD voltage range, regardless of the
VDD voltage. These outputs are capable of sinking up 40 mA.
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, each compara-
tor has built-in hysteresis of approximately 9.3 mV. Positive
feedback can be used to increase hysteresis.
OUT
IN
ADCMP361
400mV
GND
OUT
VIN
R1
R2
IBIAS
VDD
Figure 30. Input Bias Current Effect on Input Resistor String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com