Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1607ACPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1607ACPZN-R7
Description  2 MHz, Synchronous Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1607ACPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1607ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP1607ACPZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP1607
Rev. C | Page 13 of 16
CHOOSING THE INPUT CAPACITOR
The ADP1607 requires a 10 µF or greater input bypass capacitor
(CIN) between VIN and GND to supply transient currents while
maintaining a constant input voltage. The value of the input
capacitor can be increased without any limit for smaller input
voltage ripple and better input voltage filtering. The capacitor must
have a 4 V or higher voltage rating to support the maximum
input operating voltage. It is recommended that CIN be placed as
close to the ADP1607 as possible.
Different types of capacitors can be considered, but for battery-
powered applications, the best choice is the multilayer ceramic
capacitor, due to its small size, low equivalent series resistance
(ESR), and low equivalent series inductance (ESL). X5R or X7R
dielectrics are recommended. Y5V capacitors should not be used
due to their variation in capacitance over temperature. Alterna-
tively, use a high value, medium ESR capacitor in parallel with a
0.1 µF low ESR capacitor.
CHOOSING THE OUTPUT CAPACITOR
The ADP1607 also requires a 10 µF output capacitor (COUT) to
maintain the output voltage and supply current to the load. The
output capacitor supplies the current to the load when the N-
channel switch is turned on. Similar to CIN, a 4 V or greater, low
ESR, X5R or X7R ceramic capacitor is recommended for COUT.
When choosing the output capacitor, it is also important to account
for the loss of capacitance due to output voltage dc bias. This
may result in using a capacitor with a higher rated voltage to
achieve the desired capacitance value. See Figure 25 for an
example of how the capacitance of a 10 µF ceramic capacitor
changes with the dc bias voltage.
0
2
4
6
8
10
12
0
1
2
3
4
5
6
DC BIAS VOLTAGE (V)
Figure 25. Typical Ceramic Capacitor Performance
The value and characteristics of the output capacitor greatly
affect the output voltage ripple, transient performance, and
stability of the regulator. The output voltage ripple (∆VOUT) in
continuous operation is calculated as follows:
OUT
ON
OUT
OUT
C
OUT
C
t
I
C
Q
V
×
=
=
(4)
where:
QC is the charge removed from the capacitor.
tON is the on time of the N-channel switch.
COUT is the effective output capacitance.
IOUT is the output load current.
SW
ON
f
D
t
=
(5)
and,
OUT
IN
OUT
V
V
V
D
=
(6)
As shown in the duty cycle and output ripple voltage equations,
the output voltage ripple increases with the load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com