Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM2
Description  Floor pressure mats or pads are designed to detect a person treading on them, there primary use is in the security industry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure Mats
Page <1>
12/05/12 V1.1
TM
TM
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. DEFENDER SECURITY is the registered trademark of the Group. © Premier
Farnell plc 2012.
www.cpc.co.uk
www.mcmelectronics.com
Features:
•• Floor pressure mats or pads are designed to detect a person treading on them, there
primary use is in the security industry
•• They offer a low cost covert method of detecting a person and will provide years of
service
•• The pressure mat / pad should be mounted on a flat and even floor then covered with a
conventional floor covering such as carpet
•• Pressure mats / pads were designed to comply with the British standard BS 4737
Part 3 : section 3.9
•• Many other applications have been found for these floor pressure mats / pads such as,
sensors for interactive toys, sensors for interactive multimedia systems, i.e. when a
person treads on a floor mat a multimedia presentation is triggered therefore targeting
the presentation accurately
Key Benefits
Reliable
Covert detection
Part Number Table
Description
Part Number
Pressure Mat, Stair, 595 × 170 mm
PM1/PK
Pressure Mat, Standard, 720 × 390 mm
PM2/PK
Pressure Mat, Large, 720 × 560 mm
PM3/PK


Similar Part No. - PM2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PM2 MSYSTEM-PM2 Datasheet
78Kb / 1P
Super-mini Signal Conditioners Mini-M Series
logo
List of Unclassifed Man...
PM2 ETC-PM2 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
Panasonic Semiconductor
PM2 PANASONIC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
List of Unclassifed Man...
PM2 ETC-PM2 Datasheet
1Mb / 6P
Convergent Reflective Micro Photoelectric Sensor
logo
PANDUIT CORP.
PM2-3R-C PANDUIT-PM2-3R-C Datasheet
65Kb / 1P
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
More results

Similar Description - PM2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA3361B SAMSUNG-KA3361B Datasheet
78Kb / 4P
THE KA3361B IS DESIGNED FOR USE IN FM DUAL CONVERSION COMMUNICATION.
logo
NEC
BN1A4M NEC-BN1A4M Datasheet
136Kb / 2P
The BN1A4M is designed for use in medium speed switching circuit.
BN1F4M NEC-BN1F4M Datasheet
133Kb / 2P
The BN1F4M is designed for use in medium speed switching circuit.
logo
Littelfuse
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
The most common use for Switch Probes is in the cable harness testing industry.
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
There are two evaluation boards available for the ADA2200
Rev 11 Sep 2014 20:25
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
logo
Guangdong Youtai Semico...
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com