Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SST12LP19E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST12LP19E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SST12LP19E Datasheet HTML 13Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 14Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 15Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 16Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 17Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 18Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 19Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 20Page - List of Unclassifed Manufacturers SST12LP19E Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
©2012 Silicon Storage Technology, Inc.
DS75041B
07/12
21
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E
Data Sheet
A Microchip Technology Company
Table 6:Revision History
Revision
Description
Date
00
•
Initial release of data sheet
Mar 2010
01
•
Revised “Absolute Maximum Stress Ratings” on page 6
•
Changed Operating range to Industrial on page 6
•
Updated Table 4 on page 7
•
Changed document status to “Preliminary Specifications”
Mar 2010
02
•
Changed document status from “Preliminary Specifications” to “Data
Sheet.”
•
Made a minor correction in “Product Description” on page 2
Jul 2010
A
•
Updated Figures 1 and 2
•
Updated Figures 5 and 10 to show measurements with Equalizer
Channel Estimation set to “sequence only”
•
Applied new document format
•
Released document under letter revision system
•
Updated Spec number from S71423 to DS75041
Jan 2012
B
•
Updated Figure 19 on page 19 to reflect new Pin1 indicator
Jul 2012
© 2012 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office locations and information, please see www.microchip.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com
ISBN:978-1-62076-412-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com