Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3222
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3222 Datasheet HTML 1Page - Sipex Corporation SP3222 Datasheet HTML 2Page - Sipex Corporation SP3222 Datasheet HTML 3Page - Sipex Corporation SP3222 Datasheet HTML 4Page - Sipex Corporation SP3222 Datasheet HTML 5Page - Sipex Corporation SP3222 Datasheet HTML 6Page - Sipex Corporation SP3222 Datasheet HTML 7Page - Sipex Corporation SP3222 Datasheet HTML 8Page - Sipex Corporation SP3222 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
4
Figure 1. Transmitter Output Voltage VS. Load
Capacitance for the SP3222 and the SP3232
Figure 2. Slew Rate VS. Load Capacitance for the
SP3222 and the SP3232
Figure 3. Supply Current VS. Load Capacitance when
Transmitting Data for the SP3222 and the SP3232
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 120kbps data rates, all drivers
loaded with 3k
Ω, 0.1µF charge pump capacitors, and T
AMB = +25°C.
14
12
10
8
6
4
2
0
Load Capacitance [pF]
+Slew
-Slew
0
500
1000
1500
2000
2330
50
45
40
35
30
25
20
15
10
5
0
Load Capacitance [pF]
118KHz
60KHz
10KHz
0
500
1000
1500
2000
2330
6
4
2
0
-2
-4
-6
Load Capacitance [pF]
Vout+
Vout-
500
1000
1500
2000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com