Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3232
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3232 Datasheet HTML 2Page - Sipex Corporation SP3232 Datasheet HTML 3Page - Sipex Corporation SP3232 Datasheet HTML 4Page - Sipex Corporation SP3232 Datasheet HTML 5Page - Sipex Corporation SP3232 Datasheet HTML 6Page - Sipex Corporation SP3232 Datasheet HTML 7Page - Sipex Corporation SP3232 Datasheet HTML 8Page - Sipex Corporation SP3232 Datasheet HTML 9Page - Sipex Corporation SP3232 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
6
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
R2IN
GND
VCC
T1OUT
T2IN
8
9
SP3232E
T1IN
R1OUT
R2OUT
T2OUT
Figure 5. Pinout Configuration for the SP3232E
Figure 4. Pinout Configurations for the SP3222E
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHDN
C1+
V+
C1-
C2+
C2-
N.C.
EN
R1IN
GND
VCC
T1OUT
N.C.
8
9
10
11
12
13
R2IN
R2OUT
SP3222E
T2OUT
T1IN
T2IN
R1OUT
SSOP/TSSOP
V-
1
2
3
4
15
16
17
18
5
6
7
14
13
12
SHDN
C1+
V+
C1-
C2+
C2-
EN
R1IN
GND
VCC
T1OUT
8
9
10
11
R2IN
SP3222E
T2OUT
T2IN
T1IN
R1OUT
DIP/SO
R2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com