Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7741 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7741
Description  10W Class D Mono Single Ended Audio Amplifer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7741 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7741 Datasheet HTML 6Page - Monolithic Power Systems MP7741 Datasheet HTML 7Page - Monolithic Power Systems MP7741 Datasheet HTML 8Page - Monolithic Power Systems MP7741 Datasheet HTML 9Page - Monolithic Power Systems MP7741 Datasheet HTML 10Page - Monolithic Power Systems MP7741 Datasheet HTML 11Page - Monolithic Power Systems MP7741 Datasheet HTML 12Page - Monolithic Power Systems MP7741 Datasheet HTML 13Page - Monolithic Power Systems MP7741 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP7741 – 10W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7741 Rev. 1.0
www.MonolithicPower.com
13
2/17/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
1
10
6
4
3
2
9
8
7
5
PIN
NIN
EN
UVP
AGND
Timer
SW
BS
VDD
PGND
CR
CTIMER
AUDIO
INPUT
CFB
CBS
OUTPUT
COUT
CIN
RIN
RFB
CF
VDD
CVDDBYP
OFF ON
CBYP
RL
RH
LF
2.2uF
50V
10kΩ
5.6nF
10uF
50V
2.2uF
10kΩ
35kΩ
2.2uF
50V
1uF
10uH, 3.5A
1000uF
0.47uF
1000uF
50V
22pF
82kΩ
CINT
50V
50V
16V
Figure 3—24V VDD Mono Typical Application Circuit
NIN
EN
AGND
PIN
VDD
BS
1
2
8
7
PGND
10
9
SW
AGND
PGND
CFB
CVDDBYP
MP7741
Feedback
signal
CF
4
Timer
5
6
UVP
3
CTIMER
CBS
RFB
LF
CBYP
CINT
CR
AGND
PGND
Top
Bottom
Figure 4—Reference PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com