Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7742 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems MP7742 Datasheet HTML 10Page - Monolithic Power Systems MP7742 Datasheet HTML 11Page - Monolithic Power Systems MP7742 Datasheet HTML 12Page - Monolithic Power Systems MP7742 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP7742 Rev. 0.91
www.MonolithicPower.com
13
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSSOP20F
(EXPOSED PAD)
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-153, VARIATION ACT.
6) DRAWING IS NOT TO SCALE.
0.19
0.30
6.40
6.60
SEATING PLANE
0.65 BSC
PIN 1 ID
4.30
4.50
6.20
6.60
110
11
20
0.80
1.05
1.20 MAX
0.00
0.15
TOP VIEW
FRONT VIEW
SIDE VIEW
0.09
0.20
BOTTOM VIEW
2.60
3.10
3.80
4.30
RECOMMENDED LAND PATTERN
5.80
TYP
1.60
TYP
0.40
TYP
0.65
BSC
3.20
TYP
4.40
TYP
DETAIL A
0.45
0.75
0o-8o
0.25 BSC
GAUGE PLANE
SEE DETAIL "A"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com