Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7742DF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP7742DF
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742DF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP7742DF Datasheet HTML 5Page - Monolithic Power Systems MP7742DF Datasheet HTML 6Page - Monolithic Power Systems MP7742DF Datasheet HTML 7Page - Monolithic Power Systems MP7742DF Datasheet HTML 8Page - Monolithic Power Systems MP7742DF Datasheet HTML 9Page - Monolithic Power Systems MP7742DF Datasheet HTML 10Page - Monolithic Power Systems MP7742DF Datasheet HTML 11Page - Monolithic Power Systems MP7742DF Datasheet HTML 12Page - Monolithic Power Systems MP7742DF Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
10
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
19 as possible. Likewise, place CBS2 as
close to pins 12 and 14 as possible.
Power Supply Bypass, CBYP
CBYP1 and CBYP2 carry the transient current
for the switching power stage. To prevent
overstressing of the MP7742 and excessive
noise at the output, place CBYP1 as close to
pins 18 (VDD1) and 20 (PGND1) as possible
and also place CBYP2 as close to pins 13
(VDD2) and 15 (PGND2) as possible.
Timing Capacitors
CINT1 and CINT2 are used to set the amplifier
switching frequencies and are typically on
the order of a few nF. Place CINT1 as close
to pins 2 and 3 as possible to reduce
distortion and noise. Likewise, place CINT2
as close to pins 7 and 8 as possible.
Reference Bypass Capacitors
CR1 and
CR2 filter
the
½
VDD reference
voltages. Place CR1 and CR2 as close to the
IC as possible to improve power supply
rejection and reduce distortion and noise
at the output.
Output Catch Diodes (optional components)
DSL1 and DSL2 carry the current over the
dead-time while the MOSFET switches are
off
and
provide
the
short
circuit
protection. Place the diodes as close to
the MP7742 as possible if these diodes are
needed.
2)
The
Inductor-Capacitor
(LC)
filter
converts the pulse train at SW to the
output voltage that drives the speaker.
Please keep the filter capacitor close to
the inductor.
3)
When
laying
out
the
PCB,
use
two
separate
ground
planes,
analog
ground
(AGND)
and
power
ground
(PGND),
and
connect the two grounds together at a
single
point
(usually
around
the
bulk
bypass
capacitor)
to
prevent
noise
injection
into
the
amplifier
input
to
reduce distortion.
4)
Keep
the
sensitive
feedback
signal
trace on the input side and shield the
trace with the AGND plane. Make sure that
any traces carrying the switch node (SW)
voltages are separated far from any input
signal traces. If it is required to run
the SW trace near the input, shield the
input with a ground plane between the
traces. For multiple channel applications,
make sure that each channel is physically
separated to prevent crosstalk. Make sure
that
all
inductors
used
on
a
single
circuit board have the same orientation.
Also, make sure that the power supply is
routed from the source to each channel
individually, not serially. This prevents
channel-to-channel
coupling
through
the
power supply input.
Electro-Magnetic Interference (EMI)
Considerations
Due to the switching nature of the Class D
amplifier, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, with proper component
selection and careful attention to circuit layout,
the effects of the EMI due to the amplifier
switching can be minimized.
The power inductors are a potential source of
radiated
emissions.
For
the
best
EMI
performance, use toroidal inductors, since the
magnetic field is well contained inside the core.
However toroidal inductors can be expensive to
wind. For a more economical solution, use
shielded gapped ferrite or shielded ferrite
bobbin core inductors. These inductors typically
do not contain the field as well toroidal
inductors, but usually can achieve a better
balance of good EMI performance with low cost.
The size of high-current loops that carry rapidly
changing currents needs to be minimized. To
do this, make sure that the VDD bypass
capacitors are as close to the MP7742 as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com