Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7745DF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP7745DF
Description  2 x 20W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7745DF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP7745DF Datasheet HTML 5Page - Monolithic Power Systems MP7745DF Datasheet HTML 6Page - Monolithic Power Systems MP7745DF Datasheet HTML 7Page - Monolithic Power Systems MP7745DF Datasheet HTML 8Page - Monolithic Power Systems MP7745DF Datasheet HTML 9Page - Monolithic Power Systems MP7745DF Datasheet HTML 10Page - Monolithic Power Systems MP7745DF Datasheet HTML 11Page - Monolithic Power Systems MP7745DF Datasheet HTML 12Page - Monolithic Power Systems MP7745DF Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP7745 – 2 x20 W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7745 Rev. 0.9
www.MonolithicPower.com
10
5/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The quality factor (Q) of the LC filter is important.
If this is too low, output noise will increase, if this
is too high, then peaking may occur at high
signal frequencies reducing the passband
flatness. The circuit Q is set by the load
resistance (speaker resistance, typically 4Ω or
8Ω). The Q is calculated as:
LOAD
LOAD
00
RR
Q
L2
f
L
==
ω×
π × ×
ω0 is the characteristic frequency in radians per
second and f0 is in Hz. Use an LC filter with Q
between 0.7 and 1.
The actual output ripple and noise is greatly
affected by the type of inductor and capacitor
used in the LC filter. Use a film capacitor and an
inductor with sufficient power handling capability
to supply the output current to the load. The
inductor
should
exhibit
soft
saturation
characteristics. If the inductor exhibits hard
saturation, it should operate well below the
saturation
current.
Gapped
ferrite,
MPP,
Powdered Iron, or similar type toroidal cores are
recommended. If open or shielded bobbin ferrite
cores are used for multi-channel designs, make
sure that the start windings of each inductor line
up (all starts going toward SW pin, or all starts
going toward the output) to prevent crosstalk or
other channel-to-channel interference.
Output Coupling Capacitor
The output AC coupling capacitor COUT serves
to block DC voltages and thus passes only the
amplified AC signal from the LC filter to the
load. The combination of the coupling capacitor,
COUT and the load resistance results in a first-
order high-pass filter. The value of COUT should
be selected such that the required minimum
frequency is still allowed to pass. The output
corner frequency (-3dB point), fOUT, can be
calculated as:
OUT
LOAD
OUT
C
R
2
1
f
×
×
π
×
=
Set the output corner frequency (fOUT) at or
below the minimum required frequency.
The output coupling capacitor carries the full
load current, so a capacitor should be chosen
such that its ripple current rating is greater than
the maximum load current. Low ESR aluminum
electrolytic capacitors are recommended.
Input Coupling Capacitor
The input coupling capacitors CIN1 and CIN2 are
used to pass only the AC signal at the input. In
a typical system application, the source input
signal is typically centered around the circuit
ground, while the MP7745 input is at half the
power supply voltage (VDD/2). The input
coupling capacitor transmits the AC signal from
the source to the MP7745 while blocking the
DC voltage. Choose an input coupling capacitor
such that the corner frequency (fIN) is less than
the passband frequency. The corner frequency
is calculated as:
IN
IN
IN
C
R
2
1
f
×
×
π
×
=
Power Source
For maximum output power, the amplifier circuit
requires a regulated external power source to
supply the power to the amplifier. The higher
the power supply voltage, the more power can
be delivered to a given load resistance,
however if the power source voltage exceeds
the maximum voltage of 26V, the MP7745 may
sustain damage. The power supply rejection of
the MP7745 is excellent (typically -59dB),
however noise at the power supply can get to
the output, so care must be taken to minimize
power supply noise within the pass-band
frequencies. Bypass the power supply with a
large capacitor (typically aluminum electrolytic)
along with a smaller 1µF ceramic capacitor at
the MP7745 VDD supply pins.
PCB Layout
The circuit layout is critical for optimum
performance and low output distortion and
noise. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow these guidelines
and take Figure 2 for references.
1) Place the following components as close to
the MP7745 as possible:
Bootstrap Cap
CBS1 and CBS2 are used to supply the gate drive
current to the internal high-side MOSFET.
Place CBS1 as close to pins 17 and 19 as
possible. Likewise, place CBS2 as close to pins
12 and 14 as possible.
Power Supply Bypass, CBYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com