Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8101 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8101
Description  Ultra Low Power 1.8V, 400KHz Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8101 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8101 Datasheet HTML 2Page - Monolithic Power Systems MP8101 Datasheet HTML 3Page - Monolithic Power Systems MP8101 Datasheet HTML 4Page - Monolithic Power Systems MP8101 Datasheet HTML 5Page - Monolithic Power Systems MP8101 Datasheet HTML 6Page - Monolithic Power Systems MP8101 Datasheet HTML 7Page - Monolithic Power Systems MP8101 Datasheet HTML 8Page - Monolithic Power Systems MP8101 Datasheet HTML 9Page - Monolithic Power Systems MP8101 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP8101 – ULTRA LOW POWER, 1.8V, 400KHz OP AMP
MP8101 Rev. 0.91
www.MonolithicPower.com
6
1/17/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA = +25°C, unless otherwise noted.
FREQUENCY (Hz)
Close-Loop Unity Gain
Frequency Response
V+/- = +/-2.5V, Gain = 1
5
4
3
2
1
0
-1
-2
-3
-4
-5
1K
10K
100K
1M
FREQUENCY (Hz)
20
10
0
-10
-20
-30
20
10
0
-10
-20
-30
20
10
0
-10
-20
-30
+180
+90
0
-900
-180
-270
+180
+90
0
-90
-1800
-270
1K
10K
100K
1M
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
20
10
0
-10
-20
-30
FREQUENCY (Hz)
20
10
0
-10
-20
-30
20
10
0
-10
-20
-30
FREQUENCY (Hz)
1K
10K
100K
1M
1K
10K
100K
1M
1K
10K
100K
1M
1K
10K
100K
1M
1K
10K
100K
1M
CL=1000pF
CL=100pF
CL=10pF
Gain
Phase
Gain
Gain
Gain
Gain
Gain
Phase
Phase
Phase
Phase
Phase
100
1K
10K
100K
1M
FREQUENCY (Hz)
PSRR vs. Frequency
V- = -2.5V, V+ = 2.5V
100
90
80
70
60
50
40
30
20
10
0
100
1K
10K
100K
1M
FREQUENCY (Hz)
CMRR vs. Frequency
V- = -2.5V, V+ = 2.5V
100
90
80
70
60
50
40
30
20
10
0
+180
+90
0
-90
-1800
-270
+180
+90
0
-90
-1800
-270
+180
+90
0
-90
-1800
-270
+180
+90
0
-90
-1800
-270



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com