Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8606DL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8606DL
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606DL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8606DL Datasheet HTML 9Page - Monolithic Power Systems MP8606DL Datasheet HTML 10Page - Monolithic Power Systems MP8606DL Datasheet HTML 11Page - Monolithic Power Systems MP8606DL Datasheet HTML 12Page - Monolithic Power Systems MP8606DL Datasheet HTML 13Page - Monolithic Power Systems MP8606DL Datasheet HTML 14Page - Monolithic Power Systems MP8606DL Datasheet HTML 15Page - Monolithic Power Systems MP8606DL Datasheet HTML 16Page - Monolithic Power Systems MP8606DL Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
13
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
SS time is programmable through the capacitor
connected between SS pin and AGND.
When the EN pin goes low, an internal current
source discharges the internal SS voltage. Once
the SS voltage falls below the VREF, the PWM
comparator will only compare the VREF to the SS
voltage.
The
output
voltage
will
decrease
smoothly with the SS voltage until the voltage
level zeros out.
Power-Good (PG)
The PG pin is the open drain of a MOSFET that
connects to VCC or some other voltage source
through a resistor (ex. 100k). The MOSFET turns
on with the application of an input voltage so that
the PG pin is pulled to GND before SS is ready.
After FB voltage reaches 90% of VREF, the PG pin
is pulled high after a 0.5ms delay.
When the FB voltage drops to 85% of VREF, the
PG pin will be pulled low.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
MP8606 has cycle-by cycle over-current limit
control. The inductor current is monitored during
the ON state.
For MP8606DL, the HS-FET turns off when the
inductor current exceeds the current limit and the
OCP timer
—set at 50μs—starts. The OCP
triggers
if
the
inductor
current
reaches
or
exceeds the current limit every cycle in those
50
μs. The MP8606 short-circuit protection (SCP)
occurs when dead shorts occur
—when the
inductor current exceeds the current limit and the
FB voltage is lower than 50% of the VREF.
For MP8606DL, it enters hiccup mode, during
SCP/OCP. It periodically restarts the part when
the inductor peak current exceeds the current
limit and VFB drops below the under-voltage (UV)
threshold. Typically, the UV threshold is 50%
below the REF voltage. In OCP/SCP, MP8606DL
will
disable
both
the
HSFET
and
LSFET,
discharge
internal
soft-start
cap,
and
then
automatically try to soft-start again. If the over-
current circuit condition still holds after soft-start
ends, it repeats this operation cycle until the
over-current circuit condition disappears, and
output rises back to regulation level.
Over/Under-voltage Protection (OVP/UVP)
MP8606 monitors the output voltage through a
resistor-divided feedback (FB) voltage to detect
over and under voltage on the output. When the
FB voltage is higher than 125% of the VREF, it will
trigger the OVP. Once it triggers the OVP, the
LS-FET is always on while the HS-FET is off. It
needs
to
power
cycle
to
turn
on
again.
Conversely, the UVP triggers when the FB
voltage falls below 50% of the VREF (0.6V)
Usually UVP accompanies a drop in the current
limit and this results in SCP.
UVLO protection
MP8606 has under-voltage lock-out protection
(UVLO). When the input voltage is higher than
the UVLO rising threshold voltage, the MP8606
powers up. It shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is non-latch protection.
Thermal Shutdown
The MP8606 employs thermal shutdown by
internally monitoring the junction temperature of
the IC. If the junction temperature exceeds the
threshold value (typically 150ºC), the converter
shuts off. This is non-latch protection. There is
about
20ºC
hysteresis.
Once
the
junction
temperature drops around 130ºC, it initiates a
soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com