Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8642DU Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8642DU
Description  Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8642DU Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8642DU Datasheet HTML 1Page - Monolithic Power Systems MP8642DU Datasheet HTML 2Page - Monolithic Power Systems MP8642DU Datasheet HTML 3Page - Monolithic Power Systems MP8642DU Datasheet HTML 4Page - Monolithic Power Systems MP8642DU Datasheet HTML 5Page - Monolithic Power Systems MP8642DU Datasheet HTML 6Page - Monolithic Power Systems MP8642DU Datasheet HTML 7Page - Monolithic Power Systems MP8642DU Datasheet HTML 8Page - Monolithic Power Systems MP8642DU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP8642 — DUAL 3A, 23V, 600kHz STEP-DOWN CONVERTER
MP8642 Rev. 1.0
www.MonolithicPower.com
2
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP8642DU
QFN32 (5mm x5mm)
M8642DU
–40
C to +85C
* For Tape & Reel, add suffix –Z (e.g. MP MP8642DU–Z);
For RoHS compliant packaging, add suffix –LF; (e.g. MP8642DU–LF–Z)
PACKAGE REFERENCE
IN2
IN2
IN2
N/C
EN/SYNC2
PG2
FB2
IN2
SW1
SW1
SW1
BST1
VCC1
BG1
GND1
SW1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
910
11
12
13
14
15
16
32
31
30
29
28
27
26
25
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 25V
VSW.........................-0.3V(-5V for < 10ns) to 26V
VBS ....................................................... VSW + 6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
........................................................... 3.47W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 23V
Output Voltage VOUT.........................0.8V to 20V
Operating Junct. Temp (TJ)..... –40C to +125C
Thermal Resistance
(4)
θJA
θJC
5x5 QFN32 ……………………36………8…
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com