Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8652DL Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8652DL
Description  15A, 14V, High Frequency Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8652DL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8652DL Datasheet HTML 2Page - Monolithic Power Systems MP8652DL Datasheet HTML 3Page - Monolithic Power Systems MP8652DL Datasheet HTML 4Page - Monolithic Power Systems MP8652DL Datasheet HTML 5Page - Monolithic Power Systems MP8652DL Datasheet HTML 6Page - Monolithic Power Systems MP8652DL Datasheet HTML 7Page - Monolithic Power Systems MP8652DL Datasheet HTML 8Page - Monolithic Power Systems MP8652DL Datasheet HTML 9Page - Monolithic Power Systems MP8652DL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP8652 – 15A, 14V, HIGH FREQUENCY STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP8652 Rev. 0.9
www.MonolithicPower.com
6
10/26/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=1.2V, TA = +25ºC, unless otherwise noted.
Output Ripple
100us/div
400us/div
1us/div
2us/div
2us/div
Two Phase Steady
State Waveform
Two Phase Transient
Response
Input Ripple
IOUT=15A
IOUT=30A
IOUT=15A
INPUT VOLTAGE(V)
Case Temperature vs.
Output Current
IOUT=3A - 15A
Enabled Supply Current vs.
Input Voltage
VIN= 5V - 12V, IOUT=0A
4
5
6
7
8
9 10 11 12
975
980
985
990
995
1000
1005
1010
I_inductor
10A/div
I_inductor
10A/div
I_inductor
10A/div
I_inductor
5A/div
I_inductor
10A/div
IOUT=0A
IOUT=1A - 20A, 1A/us
Output Short Circuit
I_inductor
10A/div
8
18
28
38
48
58
68
78
88
34 56 789 10 11 1213 1415 16
OUTPUT CURRENT(A)
Vsw
10V/div
Vsw
10V/div
Vsw
10V/div
Vo
1V/div
Vo/AC
50mV/div
Vo/AC
50mV/div
Vin/AC
50mV/div
Vsw
10V/div
Vsw
10V/div
Vo=3.3V
Vo=1.2V
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
5
6
7
8
9 10 11 12 13 14
INPUT VOLTAGE(V)
VOUT (V)
5
7
9
11
13
15
17
19
21
1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6
Vin=12V
Vin=5V
Vin=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com