Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8670 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8670
Description  6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8670 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8670 Datasheet HTML 7Page - Monolithic Power Systems MP8670 Datasheet HTML 8Page - Monolithic Power Systems MP8670 Datasheet HTML 9Page - Monolithic Power Systems MP8670 Datasheet HTML 10Page - Monolithic Power Systems MP8670 Datasheet HTML 11Page - Monolithic Power Systems MP8670 Datasheet HTML 12Page - Monolithic Power Systems MP8670 Datasheet HTML 13Page - Monolithic Power Systems MP8670 Datasheet HTML 14Page - Monolithic Power Systems MP8670 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP8670 – 6A, 30V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP8670 Rev. 1.3
www.MonolithicPower.com
13
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Synchronous MOSFET
The external synchronous MOSFET is used to
supply current to the inductor when the internal
high-side switch is off. It significantly reduces
the power loss when compared against a
Schottky rectifier.
Table 2 lists example synchronous MOSFETs
and manufacturers.
Table 2—Synchronous MOSFET Selection
Guide
Part No.
Manufacture
FDS6670AS
Fairchild
IRF7821
International Rectifier
AO4474
Alpha & Omega
Semiconductor
Selecting the Input Capacitor
The input capacitor (C1) reduces the surge
current drawn from the input and the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current from
passing to the input. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small temperature coefficients. For 6A output
applications, a 22µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor (C2) keeps output voltage
small and ensures regulation loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com