Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8670DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8670DN
Description  6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8670DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8670DN Datasheet HTML 3Page - Monolithic Power Systems MP8670DN Datasheet HTML 4Page - Monolithic Power Systems MP8670DN Datasheet HTML 5Page - Monolithic Power Systems MP8670DN Datasheet HTML 6Page - Monolithic Power Systems MP8670DN Datasheet HTML 7Page - Monolithic Power Systems MP8670DN Datasheet HTML 8Page - Monolithic Power Systems MP8670DN Datasheet HTML 9Page - Monolithic Power Systems MP8670DN Datasheet HTML 10Page - Monolithic Power Systems MP8670DN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP8670 – 6A, 30V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP8670 Rev. 1.3
www.MonolithicPower.com
7
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
6
7
8
9
10
DUTY CYCLE (%)
Peak Current vs
Duty Cycle
INPUT VOLTAGE (V)
Line Regulation
IOUT=6A
1.002
1.001
1.000
0.999
0.998
0.997
02468
10
OUTPUT CURRENT(A)
Load Regulation
VIN=12V
VIN=28V
0
0.1
1
10
100
510
15
20
25
30
20
30
40
50
60
70
80
INPUT VOLTAGE (V)
Operating Range
Case Temperature vs
Output Current
VCC Regulator
Line Regulation
ICC=10mA
Disabled Supply Current
vs Input Voltage
5
0.80
0.86
0.92
0.98
1.04
1.10
3.5
3.8
4.1
4.4
4.7
5.0
0
0.1
0.2
0.3
0.4
0.5
10
15
20
25
30
12
3
4
56
5
8
11
14
17
20
510
15
20
25
30
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enabled Supply Current
vs Input Voltage
VFB=1V
0
30
40
50
60
70
80
90
100
25
30
35
40
45
50
55
60
0.99995
1.00000
1.00005
1.00010
1.00015
1.00020
1.00025
1.00030
123456
4.0
4.5
5.0
5.5
6.0
6.5
7.0
OUTPUT CURRENT(A)
OUTPUT CURRENT(A)
Efficiency vs
Output Current
VIN=12V
VIN=28V
VEN=0V
VO_MAX SPEC
600KHz
1MHz
420KHz
VFB_MIN
DMAX Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com